Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZXLD1601 Fiches technique(PDF) 4 Page - Zetex Semiconductors

No de pièce ZXLD1601
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1601 Fiches technique(HTML) 4 Page - Zetex Semiconductors

  ZXLD1601 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
4
Pin No.
Name
Description
1
LX
Output of NDMOS switch
2
GND
Ground (0V)
3
FB
Feedback pin for voltage control loop
Nominal voltage 1.025V
4
EN
Enable input (active high to turn on device)
Also used to adjust output current by PWM signal.
Connect to Vin for permanent operation.
5
VSENSE
Output voltage sense
6
VIN
Input voltage (2.5V to 5.5V). Decouple with
capacitor close to device.
PIN DESCRIPTION
BLOCK DIAGRAM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn