Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXLD1601 Fiches technique(PDF) 3 Page - Zetex Semiconductors

No de pièce ZXLD1601
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1601 Fiches technique(HTML) 3 Page - Zetex Semiconductors

  ZXLD1601 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1601 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
3
Symbol Parameter
Conditions
Min
Typ
Max
Units
T/T
PWM duty cycle range at
‘EN’ input for dc output
voltage control
10kHz<f< 100kHz, VENH =VIN
20
100
%
fLPF
Internal PWM low pass filter
cut-off frequency
4
kHz
ALPF
Filter attenuation
f=30kHz
52.5
dB
T/T
(4)
PWM duty cycle range at
‘EN’ input for ‘gated’ output
voltage control
f < 1kHz, VENH =VIN
0
100
%
ELECTRICAL CHARACTERISTICS (Cont.): (Test conditions: VIN=VEN=3V, TAMB=25°C unless otherwise stated
(1)
)
NOTES:
4 The maximum PWM signal frequency during this mode of operation should be kept as low as possible to minimize errors due to the turn-off
delay


Numéro de pièce similaire - ZXLD1601

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results

Description similaire - ZXLD1601

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com