Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLZ9V1 Fiches technique(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SLZ9V1
Description  500 mW, SOD-80 Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ9V1 Fiches technique(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SLZ9V1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 2 of 5
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Class
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum Reverse
Leakage Current
1
VZ@ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR@ VR
VR
Min(V)
Max(V)
mA
mA
µA
V
SLZ2V2
A
2.12
2.3
20
35
400
1
55
0.7
B
2.22
2.41
SLZ2V4
A
2.33
2.52
20
35
400
1
84
1
B
2.43
2.63
SLZ2V7
A
2.54
2.75
20
35
450
1
70
1
B
2.69
2.91
SLZ3V0
A
2.85
3.07
20
35
450
1
35
1
B
3.01
3.22
SLZ3V3
A
3.16
3.38
20
35
450
1
14
1
B
3.32
3.53
SLZ3V6
A
3.46
3.7
20
48
850
1
2.8
1
B
3.6
3.85
SLZ3V9
A
3.74
4.01
20
40
850
1
1.4
1
B
3.89
4.16
SLZ4V3
A
4.04
4.29
20
32
850
1
0.47
1
B
4.17
4.43
C
4.3
4.57
SLZ4V7
A
4.44
4.68
20
21
770
1
0.19
1
B
4.55
4.8
C
4.68
4.93
SLZ5V1
A
4.81
5.07
20
17
685
1
0.19
1.5
B
4.94
5.2
C
5.09
5.37
SLZ5V6
A
5.28
5.55
20
10.5
425
1
0.75
2.5
B
5.45
5.73
C
5.61
5.91
SLZ6V2
A
5.78
6.09
20
8.5
255
1
3.30
3.0
B
5.96
6.27
C
6.12
6.44
SLZ6V8
A
6.29
6.63
20
6.6
123
0.5
1.10
3.5
B
6.49
6.83
C
6.66
7.01
SLZ7V5
A
6.85
7.22
20
6.6
95
0.5
0.30
4.0
B
7.07
7.45
C
7.29
7.67


Numéro de pièce similaire - SLZ9V1

FabricantNo de pièceFiches techniqueDescription
logo
KOA Speer Electronics, ...
SLZ1LTE20L0D KOA-SLZ1LTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1LTE20L0F KOA-SLZ1LTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1LTE20L0G KOA-SLZ1LTE20L0G Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1LTE20L0H KOA-SLZ1LTE20L0H Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1TTE20L0D KOA-SLZ1TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

Description similaire - SLZ9V1

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C Datasheet
215Kb / 3P
   500 mW Sealed Glass Zener Voltage Regulators
BZV55B SECOS-BZV55B Datasheet
215Kb / 3P
   500 mW Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZXXXET1G ONSEMI-MMSZXXXET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com