Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT4401 Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce PZT4401
Description  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT4401 Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT4401 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT4401 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT4401 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT4401 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-223 Plastic-Encapsulate Transistors
PZT4401
TRANSISTOR (NPN)
FEATURES
Low Voltage and High Current
Complementary to PZT4403
Linear Amplifier and Switch Applications
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=0.1mA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
50
nA
Emitter cut-off current
IEBO
VEB=6V, IC=0
50
nA
hFE(1)
VCE=1V, IC=0.1mA
20
hFE(2)
VCE=1V, IC=1mA
40
hFE(3)
VCE=1V, IC=10mA
80
DC current gain
hFE(4)
VCE=1V, IC=150mA
100
300
IC=150mA,IB=15mA
0.4
V
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.75
V
IC=150mA,IB=15mA
0.95
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA,IB=50mA
1.2
V
Transition frequency
fT
VCE=10V,IC=20mA, f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
8
pF
Emitter input capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
30
pF
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
600
mA
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
MARKING:
Solid dot = Green molding compound device,
if none,the normal device.
www.cj-elec.com
1


Numéro de pièce similaire - PZT4401

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZT4401 PHILIPS-PZT4401 Datasheet
62Kb / 8P
   NPN switching transistor
1999 May 10
PZT4401 NXP-PZT4401 Datasheet
129Kb / 7P
   NPN switching transistor
1999 May 10
logo
SeCoS Halbleitertechnol...
PZT4401 SECOS-PZT4401 Datasheet
1Mb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4401 WINNERJOIN-PZT4401 Datasheet
166Kb / 1P
   TRANSISTOR (NPN)
logo
Micro Commercial Compon...
PZT4401 MCC-PZT4401 Datasheet
552Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Description similaire - PZT4401

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com