Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT2907A Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce PZT2907A
Description  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT2907A Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT2907A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT2907A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT2907A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT2907A Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-200
-400
-600
-800
-1000
-0
-100
-200
-300
-400
-500
-600
-0.1
-1
-10
1
10
100
-0
-20
-40
-60
-80
-100
0
100
200
300
400
500
-10
-100
10
100
1000
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-1
-10
-100
-200
-400
-600
-800
-1000
-1
-10
-100
-0
-200
-400
-600
-800
-0
-2
-4
-6
-8
-10
-12
-14
-0
-50
-100
-150
-200
-250
-300
-350
-400
V
CE=-10V
T
a=25
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C
——
V
BE
-20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——
-600
-600
V
CE= -10V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
-600
AMBIENT TEMPERATURE T
a
( )
P
c
——
T
a
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=10
I
C
V
BEsat
——
T
a=25
T
a=100
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
-2mA
-1.8mA
-1.6mA
-1.4mA
-1.2mA
-1mA
-0.8mA
-0.6mA
-0.4mA
I
B=-0.2mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Typical Characteristics
www.cj-elec.com
2
D,Jan,2017


Numéro de pièce similaire - PZT2907A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
Fairchild Semiconductor
PZT2907A FAIRCHILD-PZT2907A Datasheet
685Kb / 11P
   PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
More results

Description similaire - PZT2907A

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com