Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSAL6400 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TSAL6400
Description  High Power Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6400 Fiches technique(HTML) 2 Page - Vishay Siliconix

  TSAL6400 Datasheet HTML 1Page - Vishay Siliconix TSAL6400 Datasheet HTML 2Page - Vishay Siliconix TSAL6400 Datasheet HTML 3Page - Vishay Siliconix TSAL6400 Datasheet HTML 4Page - Vishay Siliconix TSAL6400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSAL6400
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 13-Mar-14
2
Document Number: 81011
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
0
1020
3040506070
8090100
21211
Tamb - Ambient Temperature (°C)
RthJA = 230 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
Tamb - Ambient Temperature (°C)
21212
RthJA = 230 K/W
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.35
1.6
V
IF = 1 A, tp = 100 μs
VF
2.2
3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
-1.8
mV/K
Reverse current
VR = 5 V
IR
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
40
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
25
50
125
mW/sr
IF = 1 A, tp = 100 μs
Ie
220
420
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φe
40
mW
Temperature coefficient of
φe
IF = 20 mA
TK
φe
-0.6
%/K
Angle of half intensity
ϕ
± 25
deg
Peak wavelength
IF = 100 mA
λp
940
nm
Spectral bandwidth
IF = 100 mA
Δλ
30
nm
Temperature coefficient of
λp
IF = 100 mA
TK
λp
0.2
nm/K
Rise time
IF = 100 mA
tr
15
ns
Fall time
IF = 100 mA
tf
15
ns


Numéro de pièce similaire - TSAL6400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL6400 VISHAY-TSAL6400 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
Rev. 1.8, 29-Jun-09
TSAL6400 VISHAY-TSAL6400 Datasheet
84Kb / 3P
   VSOP98260 for IR Code Learning Applications
Revision: 19-Jul-12
TSAL6400 VISHAY-TSAL6400 Datasheet
106Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results

Description similaire - TSAL6400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL7200 VISHAY-TSAL7200_16 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode
Rev. 2.0, 04-Jul-16
VSMY99445DS VISHAY-VSMY99445DS Datasheet
310Kb / 7P
   High Power Infrared Emitting Diode
Rev. 1.0, 12-Feb-16
TSAL6100 VISHAY-TSAL6100_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode
Rev. 1.8, 13-Mar-14
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
   High Speed Infrared Emitting Diode
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
logo
Vishay Siliconix
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode
Rev. 1.4, 03-Sep-13
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com