Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSAL6100UL Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce TSAL6100UL
Description  High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL6100UL Fiches technique(HTML) 3 Page - Vishay Siliconix

  TSAL6100UL Datasheet HTML 1Page - Vishay Siliconix TSAL6100UL Datasheet HTML 2Page - Vishay Siliconix TSAL6100UL Datasheet HTML 3Page - Vishay Siliconix TSAL6100UL Datasheet HTML 4Page - Vishay Siliconix TSAL6100UL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSAL6100UL
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 16-Jun-16
3
Document Number: 84388
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Radiant Power vs. Forward Current
Fig. 7 - Relative Radiant Intensity / Power vs.
Ambient Temperature
Fig. 8 - Relative Radiant Power vs. Wavelength
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
0.1
1
10
100
1000
10000
1
10
100
1000
I
F - Forward Current (mA)
t
p = 100 μs
0.1
1
10
100
1000
1
10
100
1000
I
F - Forward Current (mA)
t
p = 100 μs
-10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF = 20 mA
Tamb - Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
840
880
920
960
1000
1040
λ - Wavelength (nm)
21445
I
F = 30 mA
0.4
0.2
0
15989
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0


Numéro de pièce similaire - TSAL6100UL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL6100UL VISHAY-TSAL6100UL Datasheet
113Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6100UL VISHAY-TSAL6100UL Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL6100UL VISHAY-TSAL6100UL_V01 Datasheet
113Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6100UL VISHAY-TSAL6100UL_V02 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Description similaire - TSAL6100UL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VSML3710 VISHAY-VSML3710_14 Datasheet
139Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.6, 22-Oct-14
TSAL4400 VISHAY-TSAL4400_16 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.9, 03-Nov-16
TSAL6200 VISHAY-TSAL6200_14 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.4, 13-Mar-14
TSAL6100 VISHAY-TSAL6100_V01 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
VSML3710 VISHAY-VSML3710_V01 Datasheet
138Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL6200 VISHAY-TSAL6200_V02 Datasheet
108Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSML1000 VISHAY-TSML1000_14 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1040 VISHAY-TSML1040_V02 Datasheet
164Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
VSML3710 VISHAY-VSML3710_V02 Datasheet
137Kb / 7P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSML1000 VISHAY-TSML1000_V01 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com