Moteur de recherche de fiches techniques de composants électroniques |
|
TS9410VB-SF-F Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
TS9410VB-SF-F Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 4 page TS9410VB www.vishay.com Vishay Semiconductors Rev. 1.2, 23-May-17 3 Document Number: 84291 For technical questions, contact: optochipsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • All chips are checked in accordance with the Vishay Semiconductor, specification of visual inspection FVOV6870. The visual inspection shall be made in accordance with the “specification of visual inspection as referenced”. The visual inspection of chip backside is performed with stereo microscope with incident light and 40x to 80x magnification. The quality inspection (final visual inspection) is performed by production. An additional visual inspection step as special release procedure by QM is not installed HANDLING AND STORAGE CONDITIONS • The hermetically sealed shipment lots shall be opened in temperature and moisture controlled cleanroom environment only. It is mandatory to follow the rules for disposition of material that can be hazardous for humans and environment • Product must be handled only at ESD safe workstations. Standard ESD precautions and safe work environments are as defined in MIL-HDBK-263 • Singulated die are not to be handled with tweezers. A vacuum wand with non metallic ESD protected tip should be used PACKING Chips are fixed on adhesive foil. Upon request the foils can be mounted on plastic frame or disco frame. For shipment, the wafers are arranged to stacks and hermetically sealed in plastic bags to ensure protection against environmental influence (humidity and contamination). Use for recycling reliable operators only. We can help getting in touch with your nearest sales office. By agreement we will take back packing material, if it is sorted. You will have to bear the costs of transport. We will invoice you for any costs incurred for packing material that is returned unsorted or which we are not obliged to accept. MECHANICAL DIMENSIONS PARAMETER SYMBOL MIN. TYP. MAX. UNIT Length of chip edge (x-direction) Lx -0.26 - mm Length of chip edge (y-direction) Ly -0.26 - mm Die height H - 0.17 - mm Diameter of bondpad d 0.08 0.09 0.10 mm ADDITIONAL INFORMATION Frontside metallization, cathode Gold alloy Backside metallization, anode Gold alloy Dicing Sawing Die bonding technology Epoxy bonding |
Numéro de pièce similaire - TS9410VB-SF-F |
|
Description similaire - TS9410VB-SF-F |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |