Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN372S Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN372S
Description  30V N-Channel PowerTrench SyncFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN372S Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN372S Datasheet HTML 1Page - Fairchild Semiconductor FDN372S Datasheet HTML 2Page - Fairchild Semiconductor FDN372S Datasheet HTML 3Page - Fairchild Semiconductor FDN372S Datasheet HTML 4Page - Fairchild Semiconductor FDN372S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 2002
2002 Fairchild Semiconductor Corporation
FDN372S Rev C(W)
FDN372S
30V N-Channel PowerTrench
SyncFET
General Description
The FDN372S is designed to replace a single MOSFET
and Schottky diode, used in synchronous DC-DC
power supplies, with a single integrated component.
This 30V
MOSFET is designed to maximize power
conversion efficiency with low Rds(on) and low gate
charge. The FDN372S includes an integrated Schottky
diode
using
Fairchild
Semiconductor’s
monolithic
SyncFET process, making it ideal as the low side
switch in a synchronous converter.
Applications
DC-DC Converter
Motor Drives
Features
• 2.6 A, 30 V.
RDS(ON) = 40 m
Ω @ V
GS = 10 V
RDS(ON) = 50 m
Ω @ V
GS = 4.5 V
• Low gate charge
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
G
D
S
SuperSOT -3
TM
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
± 16
V
ID
Drain Current
– Continuous
(Note 1a)
2.6
A
– Pulsed
10
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
372
FDN372S
7’’
8mm
3000 units
D
S
G


Numéro de pièce similaire - FDN372S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDN371N-NL VBSEMI-FDN371N-NL Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDN372S

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com