Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBSG72AMNEVB Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce NBSG72AMNEVB
Description  2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNEVB Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button NBSG72AMNEVB Datasheet HTML 2Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 3Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 4Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 5Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 6Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 7Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 8Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 9Page - ON Semiconductor NBSG72AMNEVB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NBSG72A
http://onsemi.com
6
Table 8. DC CHARACTERISTICS, INPUT WITH PECL OUTPUT
(VCC = 3.3 V; VEE = 0 V) (Note 12)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
POWER SUPPLY CURRENT
IEE
Negative Power Supply Current
40
55
65
40
55
65
40
55
65
mA
PECL OUTPUTS (Note 13)
VOH
Output HIGH Voltage
2260
2310
2360
2290
2340
2390
2315
2365
2415
mV
VOL
Output LOW Voltage
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
1320
2030
1550
2260
1785
1470
2090
1670
2310
1875
1620
2180
1790
2390
1995
1360
2065
1585
2290
1820
1510
2125
1705
2340
2030
1660
2215
1825
2420
2030
1390
2090
1615
2315
1850
1540
2150
1735
2365
1940
1690
2240
1855
2445
2060
mV
VOUTPP
Output Voltage Amplitude
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
705
130
535
0
345
815
220
640
0
435
695
125
530
0
340
805
215
635
0
430
590
125
525
0
335
800
215
630
0
425
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE-ENDED (Figures 12 & 14) (Note 14)
VIH
Input HIGH Voltage
D0, inv-D0, D1, inv-D1, SELA, SELB
1200
VCC
1200
VCC
1200
VCC
mV
VIL
Input LOW Voltage
D0, inv-D0, D1, inv-D1, SELA, SELB
0
VIH
150
0
VIH
150
0
VIH
150
mV
Vth
Input Threshold Reference Voltage
Range (Note 15)
950
VCC
75
950
VCC
75
950
VCC
75
mV
VISE
Single-Ended Input Voltage
(VIH – VIL)
150
2600
150
2600
150
2600
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 13 & 15) (Note 16)
VIHD
Differential Input HIGH Voltage
1200
VCC
1200
VCC
1200
VCC
mV
VILD
Differential Input LOW Voltage
0
VIHD
75
0
VIHD
75
0
VIHD
75
mV
VID
Differential Input Voltage
(VIHD – VILD)
75
2600
75
2600
75
2600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Note 17) (Figure 16)
1200
3300
1200
3300
1200
3300
mV
IIH
Input HIGH Current (@VIH)
35
100
35
100
35
100
mA
IIL
Input LOW Current (@VIL)
20
100
20
100
20
100
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
12. Input and output parameters vary 1:1 with VCC.
13. All outputs loaded with 50
W to VCC − 2.0 V.
14. Vth, VIH, VIL, and VISE parameters must be complied with simultaneously.
15. Vth is applied to the complementary input when operating in single-ended mode. Vth = (VIH − VIL) / 2.
16. VIHD, VILD, VID and VIHCMR parameters must be complied with simultaneously.
17. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Numéro de pièce similaire - NBSG72AMNEVB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
More results

Description similaire - NBSG72AMNEVB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
logo
Analog Devices
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com