Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1659A Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce KTA1659A
Description  TO-220F Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1659A Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1659A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1659A Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1659A Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 220F
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate Transistors
KTA1659A
TRANSISTOR (PNP)
FEATURES
High Transition Frequency
High Voltage Applications
Complementary to KTC4370A
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
-180
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-180
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-160V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-1
μA
DC current gain
hFE
VCE=-5V, IC=-100mA
70
240
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
-1.5
V
Base-emitter voltage
VBE
VCE=-5V, IC=-500mA
-1
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
30
pF
Transition frequency
fT
VCE=-10V,IC=-100mA
100
MHz
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
70-140
120-240
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-180
V
VCEO
Collector-Emitter Voltage
-180
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1.5
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance From Junction To Ambient
62.5
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
D,May,2016
1
3
2


Numéro de pièce similaire - KTA1659A

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1659A KEC-KTA1659A Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Inchange Semiconductor ...
KTA1659A ISC-KTA1659A Datasheet
148Kb / 2P
   isc Silicon PNP Power Transistor
logo
Guangdong Kexin Industr...
KTA1659A-O KEXIN-KTA1659A-O Datasheet
438Kb / 1P
   PNP Transistors
KTA1659A-Y KEXIN-KTA1659A-Y Datasheet
438Kb / 1P
   PNP Transistors
KTA1659A KEXIN-KTA1659A_15 Datasheet
438Kb / 1P
   PNP Transistors
More results

Description similaire - KTA1659A

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSD1408 JIANGSU-KSD1408 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
TIP42CF JIANGSU-TIP42CF Datasheet
803Kb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SB946 JIANGSU-2SB946 Datasheet
684Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SD2012 JIANGSU-2SD2012 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD1761 JIANGSU-2SD1761 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD2061 JIANGSU-2SD2061 Datasheet
82Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSC5021F JIANGSU-KSC5021F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SB1370 JIANGSU-2SB1370 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com