Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZR423 Fiches technique(PDF) 3 Page - Zetex Semiconductors

No de pièce ZR423
Description  PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR423 Fiches technique(HTML) 3 Page - Zetex Semiconductors

  ZR423 Datasheet HTML 1Page - Zetex Semiconductors ZR423 Datasheet HTML 2Page - Zetex Semiconductors ZR423 Datasheet HTML 3Page - Zetex Semiconductors ZR423 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.24
1.23
1.22
1.21
1.27
1.26
1.25
TYPICAL CHARACTERISTICS
Forward Characteristics
Forward Current (mA)
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (
µs)
Transient Response (IR=150
µµA)
110
0.1
TA=25°C
Slope Resistance v Frequency
-40
-20
0
20
40
60
80
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
1000
IR=150
µA to 5mA
0
0.5
1.0
TA=-40°C
TA=85°C
1
0.1
10
100
1000
10
100
1
0.1
0.01
01
2
3
4
0
10
0
0.5
1.0
1.5
0
10
0
0.5
1.0
1.5
02
4
6
8
Time (
µs)
Transient Response (IR=5mA)
IR=150
µA
IR=1mA
IR=5mA
INPUT
OUTPUT
58K
INPUT
OUTPUT
1K8
ZR423
4-187


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ZR12D PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZR25D PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZR285-25 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
ZR4040-25 PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1  2  3  4  Zetex Semiconductors
REF1004 1.2V and 2.5V Micropower VOLTAGE REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
REF02 +5V Precision VOLTAGE REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADR121 Precision Micropower LDO Voltage References in TSOT 1  2  3  4  5  More Analog Devices
ADR1500 1.2875 V Micropower Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
REF19X Precision Micropower Low Dropout Voltage References 1  2  3  4  5  More Analog Devices

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn