Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302Q20AGD-500I Fiches technique(PDF) 10 Page - GSI Technology

No de pièce GS81302Q20AGD-500I
Description  JEDEC-standard pinout and package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q20AGD-500I Fiches technique(HTML) 10 Page - GSI Technology

Back Button GS81302Q20AGD-500I Datasheet HTML 6Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 7Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 8Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 9Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 10Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 11Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 12Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 13Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Thermal Impedance
Package
Test PCB
Substrate
JA (C°/W)
Airflow = 0 m/s
 JA (C°/W)
Airflow = 1 m/s
 JA (C°/W)
Airflow = 2 m/s
JB (C°/W)
 JC (C°/W)
165 BGA
4-layer
TBD
TBD
TBD
TBD
TBD
Notes:
1. Thermal Impedance data is based on a number of of samples from mulitple lots and should be viewed as a typical number.
2. Please refer to JEDEC standard JESD51-6.
3. The characteristics of the test fixture PCB influence reported thermal characteristics of the device. Be advised that a good thermal path to
the PCB can result in cooling or heating of the RAM depending on PCB temperature.
HSTL I/O DC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
Input Reference Voltage
VREF
VDDQ /2 – 0.05
VDDQ /2 + 0.05
V
Input High Voltage
VIH1
VREF + 0.1
VDDQ + 0.3
V
1
Input Low Voltage
VIL1
–0.3
VREF – 0.1
V
1
Input High Voltage
VIH2
0.7 * VDDQ
VDDQ + 0.3
V
2,3
Input Low Voltage
VIL2
–0.3
0.3 * VDDQ
V
2,3
Notes:
1. Parameters apply to K, K, SA, D, R, W, BW during normal operation and JTAG boundary scan testing.
2. Parameters apply to Doff, ODT during normal operation and JTAG boundary scan testing.
3. Parameters apply to ZQ during JTAG boundary scan testing only.
Preliminary
GS81302Q20/38AGD-500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
10/24
© 2017, GSI Technology
HSTL I/O AC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
Input Reference Voltage
VREF
VDDQ /2 – 0.08
VDDQ /2 + 0.08
V
Input High Voltage
VIH1
VREF + 0.2
VDDQ + 0.5
V
1,2,3
Input Low Voltage
VIL1
–0.5
VREF – 0.2
V
1,2,3
Input High Voltage
VIH2
VDDQ – 0.2
VDDQ + 0.5
V
4,5
Input Low Voltage
VIL2
–0.5
0.2
V
4,5
Notes:
1. VIH(MAX) and VIL(MIN) apply for pulse widths less than one-quarter of the cycle time.
2. Input rise and fall times must be a minimum of 1 V/ns, and within 10% of each other.
3. Parameters apply to K, K, SA, D, R, W, BW during normal operation and JTAG boundary scan testing.
4. Parameters apply to Doff, ODT during normal operation and JTAG boundary scan testing.
5. Parameters apply to ZQ during JTAG boundary scan testing only.


Numéro de pièce similaire - GS81302Q20AGD-500I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302Q20AGD-450 GSI-GS81302Q20AGD-450 Datasheet
422Kb / 24P
   JEDEC-standard pinout and package
More results

Description similaire - GS81302Q20AGD-500I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com