Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302Q19AGD-400 Fiches technique(PDF) 11 Page - GSI Technology

No de pièce GS81302Q19AGD-400
Description  JEDEC-standard pinout and package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q19AGD-400 Fiches technique(HTML) 11 Page - GSI Technology

Back Button GS81302Q19AGD-400 Datasheet HTML 7Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 8Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 9Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 10Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 11Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 12Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 13Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 14Page - GSI Technology GS81302Q19AGD-400 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Capacitance
oC, f = 1 MHZ, VDD = 1.8 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Output Capacitance
COUT
VOUT = 0 V
6
7
pF
Clock Capacitance
CCLK
VIN = 0 V
5
6
pF
Note:
This parameter is sample tested.
AC Test Conditions
Parameter
Conditions
Input high level
1.25
Input low level
0.25 V
Max. input slew rate
2 V/ns
Input reference level
0.75
Output reference level
VDDQ/2
Note:
Test conditions as specified with output loading as shown unless otherwise noted.
Preliminary
GS81302Q19/37AGD-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
11/24
© 2017, GSI Technology
DQ
VT == 0.75 V
50
RQ = 250
(HSTL I/O)
VREF = 0.75 V
AC Test Load Diagram
Input and Output Leakage Characteristics
Parameter
Symbol
Test Conditions
Min.
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–2 uA
2 uA
Doff
IILDOFF
VIN = 0 to VDD
–2 uA
100 uA
ODT
IIL ODT
VIN = 0 to VDD
–2 uA
100 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDDQ
–2 uA
2 uA
(TA = 25


Numéro de pièce similaire - GS81302Q19AGD-400

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302Q19AGD-450 GSI-GS81302Q19AGD-450 Datasheet
428Kb / 24P
   JEDEC-standard pinout and package
More results

Description similaire - GS81302Q19AGD-400

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com