Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCET1600 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce TCET1600
Description  Optocoupler, Phototransistor Output, AC Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1600 Fiches technique(HTML) 4 Page - Vishay Siliconix

  TCET1600_10 Datasheet HTML 1Page - Vishay Siliconix TCET1600_10 Datasheet HTML 2Page - Vishay Siliconix TCET1600_10 Datasheet HTML 3Page - Vishay Siliconix TCET1600_10 Datasheet HTML 4Page - Vishay Siliconix TCET1600_10 Datasheet HTML 5Page - Vishay Siliconix TCET1600_10 Datasheet HTML 6Page - Vishay Siliconix TCET1600_10 Datasheet HTML 7Page - Vishay Siliconix TCET1600_10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83538
4
Rev. 1.9, 10-Dec-10
TCET1600, TCET1600G
Vishay Semiconductors Optocoupler, Phototransistor Output,
AC Input
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Test Circuit, Saturated Operation
Fig. 5 - Switching Times
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
td
3μs
Rise time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
tr
3μs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
ton
6μs
Storage time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
ts
0.3
μs
Fall time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
tf
4.7
μs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 3)
toff
5μs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω, (see figure 4)
ton
9μs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω, (see figure 4)
toff
10
μs
Channel I
Channel II
13343
RG = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
Ω
100
Ω
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL > 1 MΩ
CL < 20 pF
Channel I
Channel II
13344
RG = 50
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
1 k
IF = 10 mA
IC
Oscilloscope
RL > 1 M
CL < 20 pF
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698


Numéro de pièce similaire - TCET1600_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCET1600G VISHAY-TCET1600G Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
TCET1600G VISHAY-TCET1600G Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
TCET1600G VISHAY-TCET1600G Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
TCET1600G VISHAY-TCET1600G Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
More results

Description similaire - TCET1600_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com