Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC546 Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BC546
Description  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC546 Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC546 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC546 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC546 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC546 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
BC546 / BC547 / BC548 TRANSISTOR (NPN)
FEATURES
High Voltage
Complement to BC556,BC557,BC558
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
BC546
80
BC547
50
V CBO
Collector-Base Voltage
BC548
30
V
BC546
65
BC547
45
V CEO
Collector-Emitter Voltage
BC548
30
V
BC546
6
V
BC547
6
V
V EBO
Emitter-Base Voltage
BC548
5
V
IC
Collector Current-Continuous
0.1
A
P C
Collector Power Dissipation
625
mW
R θJA
Thermal Resistance from Junction to Ambient
200
℃ /W
T j
Junction Temperature
150
T stg
Storage Temperature
-55~+150
www.cj-elec.com
1
E,Aug,2017
TO-92
1.
COLLECTOR
2.
BASE
3.
EMITTER
0$5.,1*
Equivalent Circuit
Solid dot=Green molding compound device,
Z=Rank of hFE
;;; &RGH
BC546,BC547,BC548 'HYLFHFRGH
if none,the normal device
1
BC546
XXX
z
1
BC547
XXX
z
1
BC548
XXX
Z
Z
Z z
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92
Bulk
1000pcs/Bag
TO-92
Tape
2000pcs/Box
BC546
BC546-TA
TO-92
Bulk
1000pcs/Bag
TO-92
Tape
2000pcs/Box
BC547
BC547-TA
TO-92
Bulk
1000pcs/Bag
TO-92
Tape
2000pcs/Box
BC548
BC548-TA


Numéro de pièce similaire - BC546

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC546 FAIRCHILD-BC546 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
   Amplifier Transistors
logo
ARTSCHIP ELECTRONICS CO...
BC546 ARTSCHIP-BC546 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Weitron Technology
BC546 WEITRON-BC546 Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
KEC(Korea Electronics)
BC546 KEC-BC546 Datasheet
281Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Description similaire - BC546

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com