Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2136 Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce 2SD2136
Description  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2136 Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2136 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2136 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2136 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2136 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=30mA,IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
200
μA
Collector cut-off current
ICEO
VCE=60V,IB=0
300
μA
Emitter cut-off current
IEBO
VEB=6V,IC=0
1
mA
hFE(1)
*
VCE=4V, IC=1A
40
250
DC current gain
hFE(2)
*
VCE=4V, IC=3A
10
Collector-emitter saturation voltage
VCE(sat)
*
IC=3A,IB=0.375A
1.2
V
Base-emitter voltage
VBE
*
VCE=4V, IC=3A
1.8
V
Transition frequency
fT
VCE=5V,IC=0.1A, f=10MHz
30
MHz
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(1)
RANK
P
Q
R
RANGE
40-90
70-150
120-250
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
D,Aug,2017


Numéro de pièce similaire - 2SD2136

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD2136 PANASONIC-2SD2136 Datasheet
86Kb / 3P
   Silicon NPN triple diffusion planar type
2SD2136 PANASONIC-2SD2136 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SD2136 UTC-2SD2136 Datasheet
114Kb / 3P
   POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
168Kb / 4P
   POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
169Kb / 4P
   POWER TRANSISTOR
More results

Description similaire - 2SD2136

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com