Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA741Y Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UA741Y
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA741Y Fiches technique(HTML) 1 Page - Texas Instruments

  UA741Y Datasheet HTML 1Page - Texas Instruments UA741Y Datasheet HTML 2Page - Texas Instruments UA741Y Datasheet HTML 3Page - Texas Instruments UA741Y Datasheet HTML 4Page - Texas Instruments UA741Y Datasheet HTML 5Page - Texas Instruments UA741Y Datasheet HTML 6Page - Texas Instruments UA741Y Datasheet HTML 7Page - Texas Instruments UA741Y Datasheet HTML 8Page - Texas Instruments UA741Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Short-Circuit Protection
D Offset-Voltage Null Capability
D Large Common-Mode and Differential
Voltage Ranges
D No Frequency Compensation Required
D Low Power Consumption
D No Latch-Up
D Designed to Be Interchangeable With
Fairchild
µA741
description
The
µA741 is a general-purpose operational
amplifier featuring offset-voltage null capability.
The high common-mode input voltage range and
the absence of latch-up make the amplifier ideal
for voltage-follower applications. The device is
short-circuit protected and the internal frequency
compensation ensures stability without external
components. A low value potentiometer may be
connected between the offset null inputs to null
out the offset voltage as shown in Figure 2.
The
µA741C is characterized for operation from
0
°C to 70°C. The µA741I is characterized for
operation from – 40
°C to 85°C.The µA741M is
characterized for operation over the full military
temperature range of – 55
°C to 125°C.
symbol
IN +
IN –
OUT
+
OFFSET N1
OFFSET N2
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
NC
OFFSET N1
IN –
IN +
VCC
NC
NC
NC
NC
VCC+
OUT
OFFSET N2
NC
µA741M ...J PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VCC–
NC
VCC+
OUT
OFFSET N2
µA741M ...JG PACKAGE
µA741C, µA741I . . . D, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
NC
OFFSET N1
IN –
IN +
VCC–
NC
NC
VCC+
OUT
OFFSET N2
µA741M ...U PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN –
NC
IN +
NC
µA741M . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Numéro de pièce similaire - UA741Y

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA741Y TI-UA741Y Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Description similaire - UA741Y

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com