Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC83251G2D Fiches technique(PDF) 9 Page - TEMIC Semiconductors

No de pièce TSC83251G2D
Description  0.5 Um SCMOS3 Technology
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC83251G2D Fiches technique(HTML) 9 Page - TEMIC Semiconductors

Back Button TSC83251G2D Datasheet HTML 5Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 6Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 7Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 8Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 9Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 10Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 11Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 12Page - TEMIC Semiconductors TSC83251G2D Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Qualpack TSC87251G2D
Rev. 0 – October 1999
9
2.6 Wafer Process Control
All the inspections and controls are defined as a process step in the production management software,
and are led by using a centralized SPC software. PC system could be summarized as follows:
Probe
die-sort
Assembly
- NANTES:
hermetic packages
- Subcontractors :
plastic packages
Final Test
Process
parameters
Electrical
Test
Engineering Database
Physical
SPC (xbar / R)
Cpk tracking
Electrical
SPC (xbar / s)
Cpk tracking
Attribute
Physical measurement
SPC (xbar / R)
Cpk tracking
Attribute
Measurement
- NANTES :
hermetic packages
- Subcontractors :
plastic packages
Wafer Fab
Critical process parameters are identified by using F.M.E.A. and other advanced tools.
Those parameters are followed in real time with the SPC methodology and their capability is measured
and monthly reported in the Operation Review.
For end 1999, the Cpk target is the following:
% of all parameters per Cpk categories
0%
20%
40%
60%
80%
100%
1995
1996
1997
1998
Obj. 99
>1.67
<1.67


Numéro de pièce similaire - TSC83251G2D

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TSC83251G2D ATMEL-TSC83251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC83251G2D ATMEL-TSC83251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC83251G2D-16CB ATMEL-TSC83251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC83251G2D-24CB ATMEL-TSC83251G2D-24CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC83251G2D-24CED ATMEL-TSC83251G2D-24CED Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

Description similaire - TSC83251G2D

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TQPHT TRIQUINT-TQPHT Datasheet
208Kb / 5P
   0.5 um pHEMT Foundry Service
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Fronter Electronics Co....
FT21M07A FRONTER-FT21M07A Datasheet
122Kb / 1P
   UM-1, UM-5 DIP TYPE
FT21M07B FRONTER-FT21M07B Datasheet
119Kb / 1P
   UM-1, UM-5 DIP TYPE 4POLES
logo
Transko Electronics, In...
UM-1-4POIE TRANSKO-UM-1-4POIE Datasheet
375Kb / 1P
   MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
UM-1-2POIE TRANSKO-UM-1-2POIE Datasheet
379Kb / 1P
   MONOLITHIC CRYSTAL FILTER (UM-1, UM-5)
Rev. 1: Dec. 2014
logo
EUROQUARTZ limited
UM1SMD EUROQUARTZ-UM1SMD Datasheet
151Kb / 1P
   SMD form of UM-1 & UM-5 Crystals
logo
PHOENIX CONTACT
2962670 PHOENIX-2962670 Datasheet
109Kb / 4P
   UM 45-FLKS34
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
   0.35 UM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com