Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A1066DBVR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A1066DBVR
Description  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066DBVR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS5A1066DBVR Datasheet HTML 4Page - Texas Instruments TS5A1066DBVR Datasheet HTML 5Page - Texas Instruments TS5A1066DBVR Datasheet HTML 6Page - Texas Instruments TS5A1066DBVR Datasheet HTML 7Page - Texas Instruments TS5A1066DBVR Datasheet HTML 8Page - Texas Instruments TS5A1066DBVR Datasheet HTML 9Page - Texas Instruments TS5A1066DBVR Datasheet HTML 10Page - Texas Instruments TS5A1066DBVR Datasheet HTML 11Page - Texas Instruments TS5A1066DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
www.ti.com
8
Electrical Characteristics for 2.5-V Supply(1) (continued)
V+ = 2.3 V to 2.7 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = 1.5 V,
CL = 35 pF,
25
°C
2.5 V
4.5
5.5
8
ns
Turn-on time
tON
VCOM = 1.5 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.3 V to 2.7 V
4.5
8.5
ns
Turn-off time
tOFF
VCOM = 1.5 V,
CL = 35 pF,
25
°C
2.5 V
1.5
2.5
4
ns
Turn-off time
tOFF
VCOM = 1.5 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.3 V to 2.7 V
1.5
5.5
ns
Charge injection
QC
VGEN = 0,
CL = 0.1 nF,
See Figure 20
25
°C
2.5 V
1
pC
NO
OFF capacitance
CNO(OFF)
VNO = V+ or GND,
Switch OFF,
See Figure 16
25
°C
2.5 V
6.8
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = V+ or GND,
Switch OFF,
See Figure 16
25
°C
2.5 V
6.8
pF
NO
ON capacitance
CNO(ON)
VNO = V+ or GND,
Switch ON,
See Figure 16
25
°C
2.5 V
14
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
See Figure 16
25
°C
2.5 V
14
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
2.5 V
2.2
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
See Figure 18
25
°C
2.5 V
400
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 10 MHz,
Switch OFF,
See Figure 19
25
°C
2.5 V
−68
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 50 pF,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
2.5 V
0.32
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
2.7 V
0.05
1
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
2.7 V
5
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Numéro de pièce similaire - TS5A1066DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRE4 TI-TS5A1066DBVRE4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRG4 TI-TS5A1066DBVRG4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

Description similaire - TS5A1066DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com