Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB2122C Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TSB2122C
Description  IF Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

TSB2122C Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TSB2122C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
: IF Filter for Video and Sound
TSB2122C2
IF
: 58.75 MHz
SYSTEM
: M/N
VIDEO-CH
SOUND-CH
ELECTRIC CHARACTERISTICS (Ta = 25
)
∙ Drive Impedance : 50
∙ Load Impedance : 1.2 k
5 pF
Package ( C type )
ΩΩ ‖
Freq.
SPECIFICATIONS(Nom.)
CHARACTERISTICS
(MHz)
Video-CH
Sound-CH
Unit
60.25
< -37
< -28
58.75
-5.1 +/- 1.5
< -30
57.0
0 (Ref.)
------
1
Amplitude
55.67
-0.2 +/- 1.2
------
55.17
-0.3 +/- 1.2
< -21
Response
54.67
-5.6 +/- 2.0
------
54.25
< -20
0 (Ref.)
(dB)
52.75
< -38
< -28
46.75
< -33
------
∼ 52.75
39.75
------
< -27
2
Spurious
52.75
60.25
Response
< -33
------
Pin Connection
∼ 66.25
60.25
------
< -26
∼ 75.0
3
Insertion Loss
57.0
-27.7 +/- 2.0
------
(dB)
54.25
------
-26.0 +/- 2.0
4
Temperature Coefficient
-18
ppm/℃
Input Capacitance
1.0
30.9 +/- 20 %
(pF)
Input Resistance
57.0
0.6
------
(K
)
Ω
5
54.25
------
0.4
Output Capacitance
1.0
11.1 +/- 20%
------
(pF)
Equivalent Circuit
1.0
------
5.3 +/- 20 %
Output Resistance
57.0
1.7
------
(K
)
Ω
54.25
------
3.8
Amplitu de an d G rou p D e lay Re spon se
-9 0
-9 0
-9 0
-9 0
-8 0
-8 0
-8 0
-8 0
-7 0
-7 0
-7 0
-7 0
-6 0
-6 0
-6 0
-6 0
-5 0
-5 0
-5 0
-5 0
-4 0
-4 0
-4 0
-4 0
-3 0
-3 0
-3 0
-3 0
-2 0
-2 0
-2 0
-2 0
- 1 0
- 1 0
- 1 0
- 1 0
0000
1 0
1 0
1 0
1 0
50
50
50
50
5 1
5 1
5 1
5 1
52
52
52
52
53
53
53
53
54
54
54
54
5 5
55
55
55
5 6
56
56
56
57
57
57
57
58
58
58
58
5 9
59
59
59
6 0
60
60
60
6 1
6 1
6 1
6 1
62
62
62
62
63
63
63
63
F R EQ UENC Y (M Hz)
-5 00
-5 00
-5 00
-5 00
-4 00
-4 00
-4 00
-4 00
-3 00
-3 00
-3 00
-3 00
-2 00
-2 00
-2 00
-2 00
- 1 00
- 1 00
- 1 00
- 1 00
0000
1 00
1 00
1 00
1 00
20 0
20 0
20 0
20 0
30 0
30 0
30 0
30 0
40 0
40 0
40 0
40 0
50 0
50 0
50 0
50 0
A m plitu de
Gro u p D e lay
Am plitude Respon se
-90
-90
-90
-90
-80
-80
-80
-80
-70
-70
-70
-70
-60
-60
-60
-60
-50
-50
-50
-50
-40
-40
-40
-40
-30
-30
-30
-30
-20
-20
-20
-20
- 1 0
- 1 0
- 1 0
- 1 0
0000
1 0
1 0
1 0
1 0
50
50
50
50
5 1
5 1
5 1
5 1
52
52
52
52
53
53
53
53
54
54
54
54
55
55
55
55
56
56
56
56
57
57
57
57
58
58
58
58
59
59
59
59
60
60
60
60
6 1
6 1
6 1
6 1
62
62
62
62
63
63
63
63
FREQUENC Y (M Hz)


Numéro de pièce similaire - TSB2122C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSB21 ETC1-TSB21 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Littelfuse
TSB2190 LITTELFUSE-TSB2190 Datasheet
563Kb / 2P
   Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Bothhand USA, LP.
TSB21L BOTHHAND-TSB21L Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
logo
Texas Instruments
TSB21LV03 TI-TSB21LV03 Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
More results

Description similaire - TSB2122C

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
ACTF4010 ACT-ACTF4010_10 Datasheet
124Kb / 3P
   IF filter
March 2010
logo
Fujitsu Component Limit...
SBF0408DPL FUJITSU-SBF0408DPL Datasheet
75Kb / 4P
   IF Filter
logo
Advanced Crystal Techno...
ACTF4818 ACT-ACTF4818_10 Datasheet
197Kb / 5P
   IF filter
March 2010
ACTF4811 ACT-ACTF4811 Datasheet
222Kb / 2P
   IF filter
17-04-2007
ACTF4014 ACT-ACTF4014_10 Datasheet
156Kb / 3P
   IF filter
March 2010
ACTF480-1 ACT-ACTF480-1_10 Datasheet
126Kb / 3P
   IF Filter
March 2010
ACTF4016 ACT-ACTF4016_10 Datasheet
162Kb / 4P
   IF filter
March 2010
ACTF480-2 ACT-ACTF480-2_10 Datasheet
182Kb / 5P
   IF Filter
March 2010
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com