Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1047 Datasheet(Fiches technique) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numéro de pièce 2SD1047
Description  TO-3P Plastic-Encapsulate Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1047 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1047 Datenblatt HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1047 Datenblatt HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1047 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1047 Datenblatt HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.1
1
10
10
100
1000
10000
0
200
400
600
800
1000
1200
1400
1600
1
10
100
1000
10000
0
25
50
75
100
125
150
0
1000
2000
3000
4000
5000
1E-3
0.01
0.1
1
10
0
200
400
600
800
1000
1200
1400
1600
1800
0.1
1
10
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1E-3
0.01
0.1
1
10
10
100
1000
012
3456
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
30
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=5V
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
——
COLLECTOR CURRENT I
C
(A)
β=10
T
a=100
T
a=25
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(A)
I
C
V
CEsat
——
T
a=100
T
a=25
β=10
12000
12
12
12
COLLECTOR CURRENT I
C
(A)
COMMON EMITTER
V
CE=5V
T
a=25
T
a=100
I
C
h
FE
——
15mA
13.5mA
12mA
10.5mA
9.0mA
7.5mA
6.0mA
4.5mA
3.0mA
I
B=1.5mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
Static Characteristic
Typical Characteristics
www.cj-elec.com
3
A-
2,May,2015


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn