Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC-140-BJF-106 Datasheet(Fiches technique) 1 Page - Vectron International, Inc

Numéro de pièce TC-140-BJF-106
Description  Temperature Compensated Crystal Oscillators (TCXOs)
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-140-BJF-106 Datasheet(HTML) 1 Page - Vectron International, Inc

  TC-140-BJF-106 Datasheet HTML 1Page - Vectron International, Inc TC-140-BJF-106 Datenblatt HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-140 (R Series)
Description:
The TC-140 series offers performance for short-term stabili-
ty, phase noise, aging and temperature stability normally
only associated with Oven Controlled Crystal Oscillators,
while consuming typically <20 mA.
Features:
• Stratum 3 option
• Frequency from 0.5 to 160 MHz
• “1 ppm Forever” option
• TTL, HCMOS and Sinewave
• Over 600,000 units produced
Performance Characteristics
Standard Frequencies:
4.096, 10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48 MHz
Available from 0.5 MHz to 160 MHz
Supply Voltage (Vdd):
12.0 Vdc ±5%
(other options are available upon request)
5.0 Vdc ±5%
Current:
Current draw will vary greatly depending on frequency and output type.
For this series TCXO typical current draw will be about 20 mA. Please
consult the factory about your exact current requirements.
Output:
A = HCMOS / ACMOS
0.5 to 160 MHz
B = 10 TTL
0.5 to 160 MHz
G = 0 dBm to +6 dBm
3.0 to 100 MHz
J = +7 dBm to +13 dBm
3.0 to 100 MHz (+12 Vdc only)
Temperature Stability:
B-1PM - ±1.0 x 10-6 over 0°C to +50°C, 10 years and initial accuracy
Note: Not all stabilities are available
B-207 - ±2.0 x 10-7 over 0°C to +50°C, Aging <2 ppm/10 years
with all frequency/output combinations.
B-ST3 - Stratum 3 over 0°C to +50°C, *See note below
Please consult the factory.
B-4PM - ±4.6 x 10-6 over 0°C to +50°C, 10 years and initial accuracy
C-1PM - ±1.0 x 10-6 over 0°C to +70°C, 10 years and initial accuracy
C-ST3 - Stratum 3 over 0°C to +70°C, *See note below
C-507 - ±5.0 x 10-7 over 0°C to +70°C, Aging <2 ppm/10 years
C-4PM - ±4.6 x 10-6 over 0°C to +70°C, 10 years and initial accuracy
F-106 - ±1.0 x 10-6 over -40°C to +85°C, Aging <2 ppm/10 years
F-4PM - ±4.6 x 10-6 over -40°C to +85°C, 10 years and initial accuracy
*STRATUM 3 per GR-1244-CORE Table 3-1
Total Stability:
<±4.6 x 10-6 for all causes and 10 years
Total Stability:
<±3.7 x 10-7 for all causes and 24 hours
Note: Tighter stabilities and wider temperature ranges are available, please
consult the factory.
Phase Noise (Typical):
Offset
Phase Noise
10 MHz
10 Hz
-110 dBc/Hz
+12 Vdc
100 Hz
-135 dBc/Hz
J - Output
1 kHz
-150 dBc/Hz
10 kHz
-155 dBc/Hz
Frequency vs. Supply:
<±0.05 ppm for a ±5% change in supply voltage
Package:
38.89 x 38.89 x 13.462 mm (1.53” x 1.53” x 0.53”)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Parameter
Characteristics
60
8798_AA's Vectron
05/30/02
3:11 PM
Page 60


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn