Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-205-S Datasheet(Fiches technique) 3 Page - LEM

Numéro de pièce LA-205-S
Description  Current Transducer LA 205-S
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA-205-S Datasheet(HTML) 3 Page - LEM

  LA-205-S Datenblatt HTML 1Page - LEM LA-205-S Datenblatt HTML 2Page - LEM LA-205-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
110126/9
www.lem.com
Page 3/3
Connection
Dimensions LA 205-S (in mm)
Mechanical characteristics
? General tolerance
0.5 mm
? Transducer fastening
2 holes 5.5 mm
2 M5 steel screws
Recommended fastening torque 1.2 Nm
? Primary through-hole
22.7 x 17.4 mm
? Connection of secondary
MOLEX 5046 4 pins
tin plated
Remarks
?
I
S is positive when IP flows in the direction of the arrow.
? Temperature of the primary conductor should not exceed
100C.
? Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
? This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn