Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81314PQ18GK-120I Fiches technique(PDF) 10 Page - GSI Technology

No de pièce GS81314PQ18GK-120I
Description  Burst of 2 Multi-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PQ18GK-120I Fiches technique(HTML) 10 Page - GSI Technology

Back Button GS81314PQ18GK-120I Datasheet HTML 6Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 7Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 8Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 9Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 10Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 11Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 12Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 13Page - GSI Technology GS81314PQ18GK-120I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
GS81314PQ18/36GK-133/120/106
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 5/2016
10/39
© 2014, GSI Technology
Post Input Training Requirements
In this case, MRW is driven asynchronously, whereas R, W, and SA[10:1] are all driven synchronously (i.e. they all meet setup and
hold time specs to
CK). When Register Write Mode is utilized in this manner, multiple registers can be programmed during any
particular instance that MRW is asserted High. The timing diagrams below arbitrarily show four registers programmed while MRW
is asserted High, but in practice it can be any number greater than or equal to one.
The requirements for this usage case are as follows:
• At least 16 NOPs must be initiated before and after the Register Write(s).
• MRW High must meet minimum setup time requirements (tMRWS) to the
CK that generates the first Register Write.
• MRW High must meet minimum hold time requirements (tMRWH) from the
CK that generates the first NOP after the last Reg-
ister Write.
• R must be driven Low (synchronously) and SA[10:1] must be driven Valid (synchronously) for each Register Write.
• W state is a “don’t care” (synchronously) for each Register Write.
Note: tMRWS = tMRWH = 4 cycles (minimum).
Asynchronous Register Write Timing Diagram - Pre Input Training
tMRWH
CK
W
SA[10:1]
Register Write Mode
Register #n
MRW
tMRWS
tMRWPW
R
Must be “high” to prevent memory write; “don’t care” otherwise
16 NOPs
16 NOPs
Asynchronous Register Write Timing Diagram - Post Input Training
CK
SA[10:1]
W
Register Write Mode
16 NOPs
Read / Write
Read / Write
16 NOPs
Reg #d
Reg #a
MRW
Reg #b
Reg #c
tIVKH tKHIX
R
tMRWH
tMRWS
X
X
X
X
V
VV
V
V
V
V
V
V


Numéro de pièce similaire - GS81314PQ18GK-120I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81314PQ18GK-120 GSI-GS81314PQ18GK-120 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
More results

Description similaire - GS81314PQ18GK-120I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81314LQ18GK-120 GSI-GS81314LQ18GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-106I GSI-GS81314LQ36GK-106I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-106 GSI-GS81314PQ18GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-106 GSI-GS81314PQ36GK-106 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-133 GSI-GS81314LQ18GK-133 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120I GSI-GS81314LQ36GK-120I Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ18GK-120 GSI-GS81314PQ18GK-120 Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314PQ36GK-120I GSI-GS81314PQ36GK-120I Datasheet
490Kb / 39P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ18GK-106 GSI-GS81314LQ18GK-106 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
GS81314LQ36GK-120 GSI-GS81314LQ36GK-120 Datasheet
489Kb / 40P
   Burst of 2 Multi-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com