Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60302 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60302
Description  SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60302 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS60302 Datasheet HTML 1Page - Texas Instruments TPS60302 Datasheet HTML 2Page - Texas Instruments TPS60302 Datasheet HTML 3Page - Texas Instruments TPS60302 Datasheet HTML 4Page - Texas Instruments TPS60302 Datasheet HTML 5Page - Texas Instruments TPS60302 Datasheet HTML 6Page - Texas Instruments TPS60302 Datasheet HTML 7Page - Texas Instruments TPS60302 Datasheet HTML 8Page - Texas Instruments TPS60302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP
SLVS302A – DECEMBER 2000 – REVISED MARCH 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
operating principle
The TPS6030x charge pumps are voltage quadruplers that provide a regulated 3.3-V or 3.0-V output from a
0.9-V to 1.8-V input. They deliver a maximum load current of 20 mA. Designed specifically for space critical
battery powered applications, the complete converter requires only five external capacitors and enables the
design to use low-cost, small-sized, 1-
µF ceramic capacitors. The TPS6030x circuits consist of an oscillator,
a voltage reference, an internal resistive feedback circuit, an error amplifier, two charge pump stages with
MOSFET switches, a shutdown/start-up circuit, and a control circuit.
shutdown
Driving EN low disables the converter. This disables all internal circuits, reducing input current to only 0.05
µA.
Leakage current drawn from the output pins OUT1 and OUT2 is a maximum of 1
µA. The device exits shutdown
once EN is set high (see start-up procedure described below). The typical no-load, start-up time is 400
µs. When
the device is disabled, the load is isolated from the input. This is an important feature in battery operated
products because it extends the battery shelf life.
start-up procedure
The device is enabled when EN is set from logic low to logic high. CP1 will first enter a dc start-up mode during
which the capacitor on OUT1 is charged up to about VIN. After that, it starts switching to boost the voltage further
up to about two times VIN. CP2 will then follow and charge up the capacitor on OUT2 to about the voltage on
OUT1, after that, it will also start switching and boost up the voltage to its nominal value. EN must not exceed
the highest voltage applied to the device.
NOTE:
During start-up with VOUT = 0 V, the highest voltage is the input voltage.
power-good detector
The power-good output is an open-drain output on the TPS60300 and TPS60301 or a push-pull output on the
TPS60302 and TPS60303. The PG-output pulls low when the output of OUT2 is out of regulation. When the
output rises to within 98% of regulation, the power-good output goes active high. In shutdown, power-good is
pulled low. In normal operation, an external pullup resistor with the TPS60300 and TPS60301 is typically used
to connect the PG pin to VOUT. The resistor should be in the 100-k
Ω to 1-MΩ range. If the PG output is not used,
it should remain unconnected. Output current at PG (TPS60302, TPS60303) will reduce maximum output
current at OUT2.


Numéro de pièce similaire - TPS60302

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60302 TI-TPS60302 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60302 TI1-TPS60302 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60302DGS TI1-TPS60302DGS Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60302DGSG4 TI1-TPS60302DGSG4 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60302DGSR TI1-TPS60302DGSR Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
More results

Description similaire - TPS60302

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com