Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SSH6N90A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce SSH6N90A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSH6N90A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  SSH6N90A Datasheet HTML 1Page - Fairchild Semiconductor SSH6N90A Datasheet HTML 2Page - Fairchild Semiconductor SSH6N90A Datasheet HTML 3Page - Fairchild Semiconductor SSH6N90A Datasheet HTML 4Page - Fairchild Semiconductor SSH6N90A Datasheet HTML 5Page - Fairchild Semiconductor SSH6N90A Datasheet HTML 6Page - Fairchild Semiconductor SSH6N90A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
N-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current
SSH6N90A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
500
1000
1500
2000
2500
C
iss= Cgs+ Cgd ( Cds= shorted)
C
oss
= C
ds
+ C
gd
C
rss= Cgd
@ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 50 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
5
10
15
20
0
2
4
6
@ Note : T
J
= 25
oC
V
GS
= 20 V
V
GS
= 10 V
I
D
, Drain Current [A]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
15V
10 V
8.0 V
7.0 V
6.0 V
5.5V
5.0 V
Bottom : 4.5 V
V
DS
, Drain-Source Voltage [V]
0
10
20
30
40
50
60
70
0
5
10
V
DS
= 720 V
V
DS
= 450 V
V
DS
= 180 V
@ Notes : I
D = 6.0 A
Q
G
, Total Gate Charge [nC]


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRF540A Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
IRFS530A Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
IRLM110A Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
IRLWI520A Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
SFH9250L Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
SFP9640L Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
SFRU9310 Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
SFS9Z34 Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
SFWI9Z34 Advanced Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
STK830F Advanced Power MOSFET 1  2  3  4  5  More AUK corp

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn