Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1318A Datasheet(Fiches technique) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numéro de pièce 2SC1318A
Description  TO-92 Plastic-Encapsulate Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1318A Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1318A Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318A Datenblatt HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318A Datenblatt HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SC1318A
TRANSISTOR (NPN)
FEATURES
· Collector Output Capacitance :
Cob=11
pF (TYP),20 pF (MAX)
MAXIMUM RATINGS (
Ta=25
unless otherwise note
)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
70
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Power Dissipation
750
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC =10μA,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=2mA,IB=0
70
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
hFE(1)
VCE=10V,IC=150mA
85
340
DC current gain
hFE(2)
VCE=10V,IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=300mA,IB=30mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=300mA,IB=30mA
1.5
V
Transition frequency
fT
VCE=10V,IC=50mA,f=200MHz
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
11
20
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
TO-92
1.
EMITTER
2.
COLLECTOR
3.
BASE
www.cj-elec.com
1
C,Dec,2015


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn