Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1318 Datasheet(Fiches technique) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numéro de pièce 2SC1318
Description  TO-92 Plastic-Encapsulate Transistors
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1318 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1318 Datenblatt HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www
.cj-elec.com

E,Aug,2017
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
T est
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.01mA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
7
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V,IC=0
0.1
μA
hFE(1)
VCE=10V, IC=150mA
85
340
DC current gain
hFE(2)
VCE=10V, IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=300mA,IB=30mA
0.6
V
Base-emitter saturation voltage
VBE (sat)
IC=300mA,IB=30mA
1.5
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
15
pF
Transition frequency
fT
VCE=10V,IC=50mA, f=200MHz
200
MHz
CLASSIFICATION OF hFE(1)
RANK Q
R
S
RANGE
85-170
120-240
170-340


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn