Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1318 Datasheet(Fiches technique) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numéro de pièce 2SC1318
Description  TO-92 Plastic-Encapsulate Transistors
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1318 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1318 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1318 Datenblatt HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TO – 92
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SC1318 TRANSISTOR (NPN)
FEATURES
Low Collector to Emitter Saturation Voltage VCE(sat)
Complementary Pair with 2SA720
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
625
mW
RθJA
Thermal Resistance From Junction To Ambient
200
℃ /W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
E,Aug,2017
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92
Bulk
1000pcs/Bag
TO-92
Tape
2000pcs/Box
2SC1318
2SC1318-TA
0$5.,1*
Equivalent Circuit
Solid dot=Green molding compound device,
;;; &RGH
C1318 'HYLFHFRGH
if none,the normal device
1
C1318
XXX
z


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn