Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV036F045M027 Fiches technique(PDF) 3 Page - Vicor Corporation

No de pièce MV036F045M027
Description  MV036 SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F045M027 Fiches technique(HTML) 3 Page - Vicor Corporation

  MV036F045M027 Datasheet HTML 1Page - Vicor Corporation MV036F045M027 Datasheet HTML 2Page - Vicor Corporation MV036F045M027 Datasheet HTML 3Page - Vicor Corporation MV036F045M027 Datasheet HTML 4Page - Vicor Corporation MV036F045M027 Datasheet HTML 5Page - Vicor Corporation MV036F045M027 Datasheet HTML 6Page - Vicor Corporation MV036F045M027 Datasheet HTML 7Page - Vicor Corporation MV036F045M027 Datasheet HTML 8Page - Vicor Corporation MV036F045M027 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 3 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
Part Number
Typical Full Load Efficiency at nom Vout (%)
Typical Half Load Efficiency at nom Vout (%) Maximum Load Capacitance (µF)
MV036F011M100
89.2
89.3
48128
MV036F015M080
91.9
92.3
27072
MV036F022M055
94
94.5
12032
MV036F030M040
94
94.8
6768
MV036F045M027
94.6
95.6
3008
MV036F060M020
95.3
96.0
1692
MV036F072M017
96.2
96.2
1175
MV036F090M013
96.2
95.5
752
MV036F120M010
94.8
94.9
423
MV036F180M007
95.8
95.2
188
MV036F240M005
95.0
94.8
106
MV036F360M003
96
96
47
No Load Output Voltage (Vdc)
Rout (mΩ)
Rated Output
Part Number
K-Factor
Current (A)
@26 Vin
@ 50 Vin
Min
Nom
Max
MV036F011M100
1/32
100
0.82
1.55
0.5
0.9
1.3
MV036F015M080
1/24
80
1.1
2.0
1.0
1.3
1.5
MV036F022M055
1/16
55
1.63
3.1
1.4
1.75
2.0
MV036F030M040
1/12
40
2.2
4.1
1.45
2.8
3.6
MV036F045M027
1/8
27
3.3
6.2
3.5
6.0
7.1
MV036F060M020
1/6
20
4.3
8.3
5.0
8.0
10
MV036F072M017*
1/5
16.6
6.4*
10
6.0
9.6
12
MV036F090M013
1/4
13.3
6.5
12.5
6.9
11.5
13.9
MV036F120M010
1/3
10.0
8.7
16.6
25
31
40
MV036F180M007
1/2
6.7
14**
25
27.5
43.6
60.0
MV036F240M005
2/3
5.0
17.4
33
49.3
79.0
98.0
MV036F360M003
13.3
26
50
140
188
210
MIL-COTS VTM® Family Part Numbers and Ranges
Control Pin Functions
Table 1 — VTM part numbers
Table 2 — Typical efficiency and maximum load capacitance, by part number
VC – VTM Control
The VC port is multiplexed. It receives the initial V
CC voltage from an
upstream PRM®, synchronizing the output rise of the VTM® with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
The VC port is not intended to be used to supply V
CC voltage to the
VTM for extended periods of time. If VC is being supplied from a
source other than the PRM, the voltage should be removed after 20 ms.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
* Low line input voltage 32 V
**Low line input voltage 28 V
Electrical Specifications (continued)


Numéro de pièce similaire - MV036F045M027

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MV036F045M027 VICOR-MV036F045M027 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F045M027 VICOR-MV036F045M027 Datasheet
711Kb / 10P
   Transformer
MV036F045M027 VICOR-MV036F045M027 Datasheet
1Mb / 10P
   High density
More results

Description similaire - MV036F045M027

FabricantNo de pièceFiches techniqueDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com