Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV036F011M100-CB Fiches technique(PDF) 5 Page - Vicor Corporation

No de pièce MV036F011M100-CB
Description  PRM짰 and VTM짰 Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F011M100-CB Fiches technique(HTML) 5 Page - Vicor Corporation

  MV036F011M100-CB Datasheet HTML 1Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 2Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 3Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 4Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 5Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 6Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 7Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 8Page - Vicor Corporation MV036F011M100-CB Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UG:003
vicorpower.com
Applications Engineering: 800 927.9474
Page 5
2.0
Hook Up
2.1
Connect the power supply +Out lead to the +In terminal of the Customer
Evaluation Board.
2.2
Connect the power supply –Out lead to the –In terminal of the Customer
Evaluation Board.
2.3
A high quality, low-noise power supply should be connected to these locations
2.4
Connect a lead between the +Out of the Customer Evaluation Board and +In
of the load.
2.5
Connect a lead between the –Out of the Customer Evaluation Board and –In
of the load.
2.6
Connections to these locations should be with short heavy gauge leads.
3.0
Verify Connections
4.0
Test Sequence
4.1
Have the latest version of the PRM® data sheet in hand.
4.2
Assure that the DC supply is set to 0 Vdc prior to turning the unit on.
4.3
Confirm that the switch bank is configured as shown in the silk screen on the board.
4.4
Turn on the DC supply.
4.5
Make sure the DC load is set to constant current and at 0 A prior to turning
on the load.
4.6
Turn on the DC load.
4.7
Connect an oscilloscope to the test point provided to monitor output voltage. Many
types of scope probes may be directly connected to these points if the probe is
equipped with a removable plastic sheath. Be careful to avoid creating ground loops
when making measurements of this voltage and the input voltage. It is recommended
that the measurements be made separately. Shorting the -input and -output of the PRM
will defeat the PRM current limit feature as the current shunt is in this path.
4.8
Turn on a fan if desired.
4.9
Raise the DC input voltage to the nominal value indicated on the data sheet.
4.10
Verify no load operation by raising and lowering the input voltage through the entire
input voltage range. The output voltage should remain constant within the tolerance
indicated in the data sheet.
4.11
Re-establish the nominal input voltage.
4.12
Slowly increase the load current to full load while monitoring the output voltage. The
output voltage should remain within the limits specified in the appropriate PRM data
sheet.
4.13
Return the load current to 0 A and decrease the input voltage to low line.
4.14
Repeat step 4.12. Depending upon the supply used and the source impedance it may
be necessary to adjust the input voltage to keep the input to the PRM at low line.
4.15
Return the load current to 0 A and increase the input voltage to high line.
4.16
Repeat step 4.12.
5.0
You have now verified the functionality of the PRM over the entire line and load
operating range.
6.0
Deviating from Nominal Settings
This board has provisions, as described in the Board Overview section, to adjust the
configuration of the PRM about the nominal values. The data sheet for the PRM has equations
and curves for determining the required resistor values needed for specific conditions.
Applications requiring output voltages other than the nominal setting will need to have the
new value set via the trim pots and respective switches. Reference Items 4 and 5 of the Board
Overview and the schematic shown in Figure 2.
6.1
Adjust the PRM Output Voltage Set Point
6.1.1
Make sure that the power is removed from the unit prior to making adjustment.
6.1.2
Using a DMM (set to measure resistance), probe between SG (Item 3) and the pad
labeled OS located next to the 5 k
Ω trim pot R08.


Numéro de pièce similaire - MV036F011M100-CB

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MV036F011M100 VICOR-MV036F011M100 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F011M100 VICOR-MV036F011M100 Datasheet
711Kb / 10P
   Transformer
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   High density
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Description similaire - MV036F011M100-CB

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F120M010-CB VICOR-MV036F120M010-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com