Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPP7XGJERC000E2G Fiches technique(PDF) 6 Page - OPLINK Communications Inc.

No de pièce TPP7XGJERC000E2G
Description  1550nm 40km SFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPLINK [OPLINK Communications Inc.]
Site Internet  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP7XGJERC000E2G Fiches technique(HTML) 6 Page - OPLINK Communications Inc.

  TPP7XGJERC000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
TPP7XGJERxG
S0510. Rev.01 (web) 2015-08-21
Oplink Communications, LLC. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, LLC. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, LLC. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, LLC.
© 2015, Oplink Communications, LLC.
Package Outline
Ordering Information
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Part Number
Operating
Temperature
Nominal Wavelength
Distance
Latch Color
TPP7XGJERC000E2G
- 5°C to + 70°C
1550nm
40km
RED
TPP7XGJERE000E2G
- 5°C to + 85°C
TPP7XGJERI000E2G
- 40°C to + 85°C


Numéro de pièce similaire - TPP7XGJERC000E2G

FabricantNo de pièceFiches techniqueDescription
logo
Wuxi Unigroup Microelec...
TPP70R190C WUMC-TPP70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
TPP70R1K5C WUMC-TPP70R1K5C Datasheet
1Mb / 13P
   700V Super-Junction Power MOSFET
TPP70R450C WUMC-TPP70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPP70R450C WUMC-TPP70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPP70R450C WUMC-TPP70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
More results

Description similaire - TPP7XGJERC000E2G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPP1XGJERXG-0985 OPLINK-TPP1XGJERXG-0985 Datasheet
266Kb / 6P
   1550nm 40km SFP Transceiver
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
logo
Level One
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
OPLINK Communications I...
TPP1XGKZRXG-S0226 OPLINK-TPP1XGKZRXG-S0226 Datasheet
344Kb / 6P
   1550nm 80km SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-ER4-01 PULSE-SFPPT-ER4-01 Datasheet
318Kb / 9P
   10Gb/s 1550nm SFP 40kmTransceiver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com