Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X0605MK Fiches technique(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce X0605MK
Description  Thyristor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

X0605MK Fiches technique(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  X0605MK Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. X0605MK Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
X0605MK
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve


Numéro de pièce similaire - X0605MK

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
X06FF3 ETC-X06FF3 Datasheet
87Kb / 2P
   600 V - 1,000 V Rectifiers
X06FF5 ETC-X06FF5 Datasheet
87Kb / 2P
   600 V - 1,000 V Rectifiers
More results

Description similaire - X0605MK

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
X0205MA FOSHAN-X0205MA Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
PCR406 FOSHAN-PCR406 Datasheet
705Kb / 6P
   Thyristor in a TO-92 Plastic Package
XL1225 FOSHAN-XL1225 Datasheet
702Kb / 6P
   Thyristor in a TO-92 Plastic Package
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
BT131 FOSHAN-BT131 Datasheet
763Kb / 6P
   Triac in a TO-92 Plastic Package
MAC97A6 FOSHAN-MAC97A6 Datasheet
921Kb / 7P
   Triac in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com