Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2722 Fiches technique(PDF) 5 Page - Micro Linear Corporation

No de pièce ML2722
Description  900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-LINEAR [Micro Linear Corporation]
Site Internet  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Fiches technique(HTML) 5 Page - Micro Linear Corporation

  ML2722 Datasheet HTML 1Page - Micro Linear Corporation ML2722 Datasheet HTML 2Page - Micro Linear Corporation ML2722 Datasheet HTML 3Page - Micro Linear Corporation ML2722 Datasheet HTML 4Page - Micro Linear Corporation ML2722 Datasheet HTML 5Page - Micro Linear Corporation ML2722 Datasheet HTML 6Page - Micro Linear Corporation ML2722 Datasheet HTML 7Page - Micro Linear Corporation ML2722 Datasheet HTML 8Page - Micro Linear Corporation ML2722 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ML2722
DS2722-F-05
FINAL DATASHEET
DECEMBER 2003
5
RECEIVER
ZIN
Receiver RF impedance
fc=915 MHz
17-j50
NF
Receiver RF noise figure
fc=915 MHz
9
dB
DRRX
Data Rate
FSK modulation, fdev=+/-460KHz
1.536
Mbps
S
Input Sensitivity
For better than 12.5% CER
-95
dBm
BWRX
Bandwidth
3dB nominal
770
kHz
PIMAX
Maximum RX RF input
<12.5% CER at 1.536Mchip/s
8
dBm
IIP3
Receiver input IP3
Test tones 2 and 4 channels away
-12
dBm
LO Leakage at RXI
-80
dBm
IRR
Receive RF mixer image
rejection
Measured at 3.5MHz offset
35
dB
Adjacent channel rejection
-80dBm wanted signal <12.5% CER
(a single interferer with 2GFSK
modulation to give a
-20dBc bandwidth of 1.5MHz)
1 channel
2 channels
3 or more channels
15
40
45
dB
Receiver settling time
RXON high to valid data
120
µs
IF FILTERS
fIFC
IF filter center frequency
After Automatic Filter Alignment
1.024
MHz
BWIF
IF filter 3dB bandwidth
After Automatic Filter Alignment
1405
kHz
LIMITER, AGC, AND FM DEMODULATOR
tOVLD
Recovery from overload
From 0dBm at input
5
12
µs
Eb/No
For 12.5% CER
3
dB
Co-Channel rejection, 12.5%
CER
-80 dBm, modulated with 1.536Mbps
GFSK, BT=0.5, PRBS data
4
dB
AM tolerance for 12.5% or better
CER
-80 dBm wanted signal, AM
modulation depth at 100 KHz rate
90
%
RSSI PERFORMANCE
tRRSSI
RSSI rise time: < -100dBm to
-15dBm into the IF mixer
20 pF load, 20% to 80%
1
5.3
10
µs
tFRSSI
RSSI fall time: <-15dBm to
<-100dBm into the IF mixer
20 pF load, 20% to 80%
1
4.4
10
µs
VRSMX
RSSI maximum voltage
-15dBm in
2.2
2.8
V
VRSMN
RSSI minimum voltage
No signal
0.05
V
GRSMID
RSSI sensitivity, mid range
28
35
42
mV/dB
PRSMX
RSSI maximum signal
Sensitivity is >50% mid range
-20
dBm
PRSMN
RSSI minimum signal
Sensitivity is >50% mid range
-95
dBm
RSSI accuracy
Measured at -40dBm input power
1.5
1.9
2.1
V


Numéro de pièce similaire - ML2722

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722DH MICRO-LINEAR-ML2722DH Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722DH-T MICRO-LINEAR-ML2722DH-T Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
More results

Description similaire - ML2722

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com