Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE1639 Datasheet(Fiches technique) 2 Page - NTE Electronics

Numéro de pièce NTE1639
Description  Integrated Circuit CMOS Clock Generator/Driver for BBDs
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo 

NTE1639 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VGG(OUT)
14
15
VDD
Electrical Characteristics: (TA = +25°C, VDD = –15V, GND = 0V unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Drain Current
IDD
No load
3
mA
Total Power Dissipation
Ptot
No load
Clock Output 40kHZ
45
mW
OX1 Input Pin
Voltage “H” Level
VIH
0
–1
V
Voltage “L” Level
VIL
VDD+1
VDD
V
Input Leakage Current
ILeak
VI = 0V to –15V
30
µA
OX2 Output Pin
Output Current “H” Level
IOH(1)
VO = –1V
0.6
mA
Output Current “L” Level
IOL(1)
VO = –14V
0.5
mA
Output Leakage Current
ILOL(1)
VO = VDD
VO = GND
30
30
µA
µA
OX3 Output pin
Output Current “H” Level
IOH(2)
VO = –1V
1.5
mA
Output Current “L” Level
IOL(2)
VO = –14V
2
mA
Output Leakage Current
ILOL(2)
VO = VDD
VO = GND
30
30
µA
µA
CP1, CP2 output pin
Output Current “H” Level
IOH(3)
VO = –1V
10
mA
Output Current “L” Level
IOL(3)
VO = –14V
10
mA
Output Leakage Current
ILOL(3)
VO = VDD
VO = GND
30
30
µA
µA
VGG OUT output pin (Note 1)
Output Voltage
VGG(Out)
–14
V
Note 1. This pin generates the VGG voltage for a BBD manufac-
tured by NTE. So therefore, it might not be applicable for
other devices. In any case, the VGG(OUT) changes by the
following formula depending on the value of VDD.


Html Pages

1  2  3  4 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn