Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A47-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A47-Q1
Description  35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A47-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS7A47-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A47-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0
200
400
600
800
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+105°C
+125°C
−4
−3
−2
−1
0
1
2
3
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
−40°C
0°C
+25°C
+85°C
+125°C
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
UVLO Threshold Off
UVLO Threshold On
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency (Hz)
VOUT = 1.4 V, VNOISE = 4.17 mVRMS
VOUT = 5 V, VNOISE = 4.67 mVRMS
VOUT = 10 V, VNOISE = 7.25 mVRMS
VOUT = 15 V, VNOISE = 12.28 mVRMS
−4
−3
−2
−1
0
1
2
3
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+85°C
+125°C
7
TPS7A47-Q1
www.ti.com
SBVS118 – AUGUST 2017
Product Folder Links: TPS7A47-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
at TJ = 25°C; VI = VO(nom) + 1.0 V or VI = 3.0 V (whichever is greater); VEN = VI; IO = 0 mA; CIN = 10 µF; COUT = 10 µF; CNR =
1 µF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins open (unless otherwise
noted)
IOUT = 500 mA, COUT = 50 µF, CNR = 1 µF,
BWRMSNOISE (10 Hz, 100 kHz)
Figure 1. Noise vs Output Voltage
Figure 2. Line Regulation
Figure 3. Load Regulation
Figure 4. Input Voltage Threshold vs Temperature
Figure 5. Enable Voltage Threshold vs Temperature
IOUT = 0 µA
Figure 6. Quiescent Current vs Input Voltage


Numéro de pièce similaire - TPS7A47-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700EVM-094 TI1-TPS7A4700EVM-094 Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
TPS7A4700RGW TI1-TPS7A4700RGW Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
More results

Description similaire - TPS7A47-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A88-Q1 TI1-TPS7A88-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, Dual, 1-A, Low-Noise (4 uVRMS) LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com