Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX6323-MAX6324 Fiches technique(PDF) 2 Page - Maxim Integrated Products

No de pièce MAX6323-MAX6324
Description  uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6323-MAX6324 Fiches technique(HTML) 2 Page - Maxim Integrated Products

  MAX6323-MAX6324 Datasheet HTML 1Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 2Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 3Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 4Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 5Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 6Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 7Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 8Page - Maxim Integrated Products MAX6323-MAX6324 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = 3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ..................................................................-0.3V to +6.0V
MR, RESET (MAX6323), WDI .............-0.3V to (VCC + +0.3V)
WDPO, RESET (MAX6324) ..............................-0.3V to +6.0V
Input Current, VCC, WDI, MR ..............................................20mA
Output Current, RESET, WDPO ..........................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C) ..........696mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
4.25
4.38
4.50
4.50
4.63
4.75
Supply Current
ICC
27
57
µA
Operating Voltage Range
1.2
5.5
VCC
V
VCC = 5.5V
VCC = 2.5V or 3.3V
23
45
µA
1
V RESET = V WDPO = +5.5V, RESET, WDPO
deasserted
ILKG
WDPO, RESET Output Leakage
V
VCC - 1.5
ISOURCE = 800µA, VCC = 4.75V, RESET
deasserted, (MAX632_ _UT44, MAX632_ _UT46)
VOH
RESET Output Voltage
(MAX6323)
0.8 x VCC
ISOURCE = 500µA, VCC = 3.15V, RESET
deasserted (MAX632_ _UT23, MAX632_ _UT26,
MAX632_ _UT29, MAX632_ _UT31)
V
0.4
ISINK = 100µA, VCC > 1.2V, RESET asserted
VOL
WDPO, RESET Output Voltage
0.4
ISINK = 3.2mA, VCC = 4.25V (MAX632_ _UT44,
MAX632_ _UT46)
0.4
ISINK = 1.2mA, VCC = 2.25V (MAX632_ _UT23,
MAX632_ _UT26, MAX632_ _UT29,
MAX632_ _UT31)
µs
20
10mV/ms, VTH +100mV to VTH -100mV
VCC to RESET Delay
ms
100
180
280
RESET deasserted
tRP
Reset Timeout Delay
V
2.25
2.32
2.38
CONDITIONS
MAX632_ _UT23
VTH
Reset Threshold Voltage
MAX632_ _UT44
MAX632_ _UT46
No load, RESET
deasserted
2.55
2.63
2.70
MAX632_ _UT26
2.85
2.93
3.00
MAX632_ _UT29
3.00
3.08
3.15
MAX632_ _UT31


Numéro de pièce similaire - MAX6323-MAX6324

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
MAX6323 MAXIM-MAX6323 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323AUT29 MAXIM-MAX6323AUT29 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323AUT29 MAXIM-MAX6323AUT29 Datasheet
174Kb / 13P
   Supervisory Circuits with Windowed
Rev 6; 1/11
MAX6323AUT46 MAXIM-MAX6323AUT46 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
More results

Description similaire - MAX6323-MAX6324

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
logo
Analog Devices
ADM8323WCC29ARJZR7 AD-ADM8323WCC29ARJZR7 Datasheet
283Kb / 16P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8323 AD-ADM8323 Datasheet
261Kb / 15P
   Supervisory Circuits with Windowed Watchdog and Manual Reset in 5-Lead SOT-23
Rev. B
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com