Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSD1616A Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce KSD1616A
Description  Silicon NPN transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KSD1616A Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KSD1616A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD1616A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD1616A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD1616A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD1616A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD1616A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD1616(A)
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
KSD1616
60
V
KSD1616A
120
Collector to Emitter Voltage
VCEO
KSD1616
50
V
KSD1616A
60
Emitter to Base Voltage
VEBO
6.0
V
Collector Current - Continuous
IC
1.0
A
Collector Current – Continuous(Pulse)
ICP
2.0
A
Collector Power Dissipation
PC
750
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=60V
IE=0
0.1
μA
Emitter Cut-Off Current
IEBO
VEB=6.0V
IC=0
0.1
μA
DC Current Gain
hFE(1)
KSD1616
VCE=2.0V
IC=100mA
135
600
KSD1616A
135
400
hFE(2)
VCE=2.0V
IC=1.0A
81
Collector to Emitter
Saturation Voltage
VCE(sat)
IC=1.0A
IB=50mA
0.15
0.3
V
Base to Emitter Saturation
Voltage
VBE(sat)
IC=1.0A
IB=50mA
0.9
1.2
V
Base to Emitter On Voltage
VBE(on)
VCE=2.0V
IC=50mA
600
640
700
mV
Transition Frequency
fT
VCE=2.0V
IC=100mA
100
160
MHz
Collector Output
Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
19
pF
Turn-On Time
ton
VCC=10V
IC=100mA
0.07
μs
Storage Time
tstg
IB1=-IB2=10mA
0.95
μs
Turn-Off Time
toff
VBE(off)=-2V~-3V
0.07
μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Numéro de pièce similaire - KSD1616A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KSD1616A SAMSUNG-KSD1616A Datasheet
115Kb / 3P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER MIDIUM SPEED SWITCHING)
logo
Fairchild Semiconductor
KSD1616A FAIRCHILD-KSD1616A Datasheet
54Kb / 5P
   Audio Frequency Power Amplifier & Medium Speed Switching
logo
First Components Intern...
KSD1616A FCI-KSD1616A Datasheet
185Kb / 3P
   NPN Expitaxial Silicon Transistors
logo
Fairchild Semiconductor
KSD1616A FAIRCHILD-KSD1616A Datasheet
248Kb / 5P
   Audio Frequency Power Amplifier Medium Speed Switching
logo
Micro Commercial Compon...
KSD1616A-G MCC-KSD1616A-G Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
More results

Description similaire - KSD1616A

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MPSA44 FOSHAN-MPSA44 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003VK1 FOSHAN-MJE13003VK1 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003L1 FOSHAN-MJE13003L1 Datasheet
863Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
KTC3203 FOSHAN-KTC3203 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
KTD1302 FOSHAN-KTD1302 Datasheet
828Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com