Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC550 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce BC550
Description  Silicon NPN transistor in a TO-92(R) Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BC550 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BC550 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BC550 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BC550 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BC550 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BC550 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BC550 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC550
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
电性能参数 / Electrical Characteristics(Ta=25℃)
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
45
V
Collector to Base Breakdown
Voltage
VCBO
IC=10μA
IE=0
50
V
Emitter to Base Breakdown
Voltage
VEBO
IE=10μA
IC=0
5.0
V
Collector Cut-Off Current
ICBO
VCB=30V
IE=0
0.015
μA
DC Current Gain
hFE
VCE=5.0V
IC=2.0mA
110
800
Collector-Emitter Saturation
Voltage
VCE(sat) IC=100mA
IB=5.0mA
0.6
V
Base-Emitter Saturation Voltage
VBE(sat) IC=100mA
IB=5.0mA
0.9
V
Base-Emitter Voltage
VBE(on) VCE=5.0V
IC=2.0mA
0.55
0.7
V
Current Gain Bandwidth Product
fT
VCE=5.0V
IE=10mA
f=100MHz
300
MHz
Transition Frequency
Cob
VCB=10V
IE=0
f=1.0MHz
4.5
pF
Noise Figure
NF
VCE=5.0V
Rg=10KΩ
IC=200μA
f=1.0KHz
10
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)


Numéro de pièce similaire - BC550

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC550 PHILIPS-BC550 Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Fairchild Semiconductor
BC550 FAIRCHILD-BC550 Datasheet
50Kb / 4P
   Switching and Applications
logo
Siemens Semiconductor G...
BC550 SIEMENS-BC550 Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Fairchild Semiconductor
BC550 FAIRCHILD-BC550 Datasheet
151Kb / 6P
   Switching and Amplifier
BC550 FAIRCHILD-BC550 Datasheet
44Kb / 4P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Description similaire - BC550

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BC547 FOSHAN-BC547 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC184 FOSHAN-BC184 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
PH2369 FOSHAN-PH2369 Datasheet
840Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC337 FOSHAN-BC337 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC338 FOSHAN-BC338 Datasheet
729Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC548 FOSHAN-BC548 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC549 FOSHAN-BC549 Datasheet
807Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BF370 FOSHAN-BF370 Datasheet
669Kb / 5P
   Silicon NPN transistor in a TO-92(R) Plastic Package
ED1502 FOSHAN-ED1502 Datasheet
783Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
ED1702 FOSHAN-ED1702 Datasheet
667Kb / 5P
   Silicon NPN transistor in a TO-92(R) Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com