Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M61540FP Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce M61540FP
Description  6ch Electronic Volume with 5 Input Selector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61540FP Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  M61540FP Datasheet HTML 1Page - Hitachi Semiconductor M61540FP Datasheet HTML 2Page - Hitachi Semiconductor M61540FP Datasheet HTML 3Page - Hitachi Semiconductor M61540FP Datasheet HTML 4Page - Hitachi Semiconductor M61540FP Datasheet HTML 5Page - Hitachi Semiconductor M61540FP Datasheet HTML 6Page - Hitachi Semiconductor M61540FP Datasheet HTML 7Page - Hitachi Semiconductor M61540FP Datasheet HTML 8Page - Hitachi Semiconductor M61540FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
M61540FP
Preliminary
Rev.1.0, May.31.2004, page 2 of 16
Block Diagram and Pin Configuration
SLIN
AGND
SRIN
RIN
CIN
LIN
AGND
SWIN
TRER
AGND
INR2
INL2
INR3
INL1
INR1
SLOUT
SROUT
TREL
BASL2
BASL1
17
20
19
18
16
12
15
14
13
11
30
29
28
27
26
25
24
23
22
21
31
35
32
33
34
36
40
37
38
39
1
2
3
4
5
6
7
8
9
10
Gain
Control
MCU I/F
Cch Vol
Gain
Control
Gain
Control
Gain
Control
Gain
Control
Rch
Input ATT
Input ATT
Lch
Lch Vol
AVCC
AVEE
Bass
/Tre
Logic
25K
SWch Vol
25K
SLch Vol
25K
SRch Vol
25K
50K
Rch Vol
50K
50K
50K
50K
50K
50K
50K
50K
50K
DVDD
50K
Bass
/Tre
Gain
Control
50K
50K
50K
+
++
+
-
-
-
-
+
-
+
-
+
-
+
-
+
-
+
-
(Top View)


Numéro de pièce similaire - M61540FP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results

Description similaire - M61540FP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61527FP RENESAS-M61527FP Datasheet
230Kb / 18P
   6ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
   5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com