Moteur de recherche de fiches techniques de composants électroniques |
|
TPS75105 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS75105 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 27 page V IN ENA D1A D2A D1B D2B ENB V ENA V ENB I SET V BATT TPS7510x Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. TPS75100, TPS75103, TPS75105 SBVS080J – SEPTEMBER 2006 – REVISED NOVEMBER 2016 TPS7510x Low Dropout, Two-Bank LED Driver With PWM Brightness Control 1 1 Features 1 • Regulated Output Current with 2% LED-to-LED Matching • Drives Up to Four LEDs at 25 mA Each in a Common Cathode Topology • 28-mV Typical Dropout Voltage Extends Usable Supply Range in Li-Ion Battery Applications • Brightness Control Using PWM Signals • Two 2-LED Banks With Independent Enable and PWM Brightness Control per Bank • No Internal Switching Signals—Eliminates EMI • Default LED Current Eliminates External Components – Default Values from 3 mA to 10 mA (in 1-mA Increments) Available Using Innovative Factory EEPROM Programming – Optional External Resistor can be Used for High-Accuracy, User-Programmable Current • Over current and Over temperature Protection • Available in Wafer Chip-Scale Package or 2.50-mm × 2.50-mm WSON-10 2 Applications • Keypad and Display Backlighting • White and Color LEDs • Cellular Handsets • PDAs and Smartphones 3 Description The TPS7510x linear low dropout (LDO) matching LED current source is optimized for low-power keypad and navigation pad LED backlighting applications. The device provides a constant current to up to four unmatched LEDs organized in two banks of two LEDs each in a common-cathode topology. Without an external resistor, the current source defaults to a factory-programmable, preset current level with ±0.5% accuracy (typical). An optional external resistor can be used to set initial brightness to user-programmable values with higher accuracy. Brightness can be varied from off to full brightness by inputting a pulse width modulation (PWM) signal on each enable pin (ENx, where x indicates LED bank A or B). Each bank has independent enable and brightness control, but current matching is done to all four channels concurrently. The input supply range is ideally suited for single-cell Li-Ion battery supplies and the TPS7510x can provide up to 25 mA per LED. No internal switching signals are used, eliminating troublesome electromagnetic interference (EMI). The TPS7510x is offered in an ultra-small, 9-ball, 0.4-mm ball-pitch wafer chip-scale package (WCSP) and a 2.50-mm × 2.50-mm, 10-pin WSON package, yielding a very compact total solution size ideal for mobile handsets and portable backlighting applications. The device is fully specified over TJ = –40°C to +85°C. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TPS7510x WSON (10) 2.50 mm × 2.50 mm DSBGA (9) 1.208 mm x 1.208 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Typical Application Diagram |
Numéro de pièce similaire - TPS75105 |
|
Description similaire - TPS75105 |