Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1366 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce KTB1366
Description  Silicon PNP transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KTB1366 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KTB1366 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1366 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1366 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1366 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1366 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KTB1366 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KTB1366
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-7.0
V
Collector Current - Continuous
IC
-3.0
A
Base Current
IB
-0.5
A
Collector Power Dissipation
PC
2.0
W
Collector Power Dissipation
PC(Tc=25 )
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-50mA
IE=0
-60
V
Collector Cut-Off Current
ICBO
VCB=-60V
IE=0
-100
μA
Emitter Cut-Off Current
IEBO
VEB=-7.0V
IC=0
-100
μA
DC Current Gain
hFE(1)
VCE=-5.0V
IC=-500mA
60
200
hFE(2)
VCE=-5.0V
IC=-3.0A
20
Collector to Emitter Saturation
Voltage
VCE(sat) IC=-2.0A
IB=-0.2A
-0.25
-1.0
V
Collector to Emitter Voltage
VBE
IC=-0.5A
VCE=-5.0V
-0.7
-1.0
V
Transition Frequency
fT
IC=-0.5A
VCE=-5.0V
9.0
MHz
Collector output capacitance
Cob
VCB=-10V
IE=0
f=1.0MHz
150
pF
Turn-On Time
ton
-IB1=IB2=0.2A
0.4
μS
Storage Time
tstg
-IB1=IB2=0.2A
1.7
μS
Fall Time
tf
-IB1=IB2=0.2A
0.5
μS
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn