Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1499 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce 2SD1499
Description  Silicon NPN transistor in a TO-220F Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1499 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1499 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1499 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1499 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1499 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1499 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1499 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1499
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
5.0
A
Collector Current – Continuous(Pulse)
ICP
8.0
A
Collector Power Dissipation
PC
2.0
W
Collector Power Dissipation
PC(TC=25 )
40
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=100V
IE=0
50
μA
Emitter Cut-Off Current
IEBO
VEB=3.0V
IC=0
50
μA
DC Current Gain
hFE(1)
VCE=5.0V
IC=1.0A
60
200
hFE(2)
VCE=5.0V
IC=3.0A
20
hFE(3)
VCE=5.0V
IC=20mA
20
Collector to Emitter Saturation
Voltage
VCE(sat) IC=3.0A
IB=0.3A
2.0
V
Base to Emitter Voltage
VBE
VCE=5.0V
IC=3.0A
1.8
V
Transition Frequency
fT
VCE=5.0V
IC=0.5A
f=1.0MHz
20
MHz
Collector output capacitance
Cob
VCB=10V
f=1.0MHz
90
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Numéro de pièce similaire - 2SD1499

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1499 PANASONIC-2SD1499 Datasheet
44Kb / 2P
   Silicon NPN triple diffusion planar type(For high power amplification)
logo
Inchange Semiconductor ...
2SD1499 ISC-2SD1499 Datasheet
80Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1499 SAVANTIC-2SD1499 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
2SD1499 SAVANTIC-2SD1499 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
2SD1499 JIANGSU-2SD1499 Datasheet
1Mb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
More results

Description similaire - 2SD1499

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
2SC3834F FOSHAN-2SC3834F Datasheet
947Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC3852 FOSHAN-2SC3852 Datasheet
808Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC5171 FOSHAN-2SC5171 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SD1833 FOSHAN-2SD1833 Datasheet
858Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SD1913 FOSHAN-2SD1913 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
MJE13005DR8 FOSHAN-MJE13005DR8 Datasheet
875Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package
MJE13007V8 FOSHAN-MJE13007V8 Datasheet
847Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package
MJE13007X8 FOSHAN-MJE13007X8 Datasheet
881Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package
2SC4382 FOSHAN-2SC4382 Datasheet
1,015Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC5248 FOSHAN-2SC5248 Datasheet
810Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SC5371 FOSHAN-2SC5371 Datasheet
871Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com