Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38RF89IAAV Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC38RF89IAAV
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF89IAAV Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DAC38RF89IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 9Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 10Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 11Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 12Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 13Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 14Page - Texas Instruments DAC38RF89IAAV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
11
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics - Digital Specifications (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, external differential clock mode at 9
GSPS, 12x Interpolation, fOUT = 2.14 GHz, I(OUTFS) = 40 mA, nominal supplies, LMFSHd = 84111, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Latency: JESD Buffer to DAC Output
LMFSHD = 41121 or 82121, 1x Interpolation
269
DAC clock
cycles
LMFSHD = 41121 or 82121, 2x Interpolation
417
LMFSHD = 41121 or 82121, 4x Interpolation
717
LMFSHD = 41380 or 82380, 1x Interpolation
293
LMFSHD = 41380 or 82380, 2x Interpolation
465
LMFSHD = 81180, 1x Interpolation
289
LMFSHD = 82121, 6x Interpolation
269
LMFSHD = 82121, 8x Interpolation
1120
LMFSHD = 82121, 12x Interpolation
1602
LMFSHD = 82121, 16x Interpolation
2091
LMFSHD = 42111 or 84111, 6x Interpolation
817
LMFSHD = 42111 or 84111, 8x Interpolation
1057
LMFSHD = 42111 or 84111, 10x
Interpolation
1184
LMFSHD = 42111 or 84111, 12x
Interpolation
1532
LMFSHD = 42111 or 84111, 16x
Interpolation
1997
LMFSHD = 42111 or 84111, 18x
Interpolation
2142
LMFSHD = 42111 or 84111, 24x
Interpolation
2941
LMFSHD = 22210 or 44210, 8x Interpolation
1020
LMFSHD = 22210 or 44210, 12x
Interpolation
1473
LMFSHD = 22210 or 44210, 16x
Interpolation
1917
LMFSHD = 22210 or 44210, 18x
Interpolation
2050
LMFSHD = 22210 or 44210, 20x
Interpolation
2275
LMFSHD = 22210 or 44210, 24x
Interpolation
2821
LMFSHD = 12410 or 24410, 16x
Interpolation
1912
LMFSHD = 12410 or 24410, 24x
Interpolation
2786
LMFSHD = 44210 or 88210, 8x Interpolation
916
LMFSHD = 44210 or 88210, 12x
Interpolation
1317
LMFSHD = 44210 or 88210, 16x
Interpolation
1709
LMFSHD = 44210 or 88210, 24x
Interpolation
2509
LMFSHD = 24410 or 48410, 16x
Interpolation
1672
LMFSHD = 24410 or 48410, 24x
Interpolation
1593


Numéro de pièce similaire - DAC38RF89IAAV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RF89IAAV TI1-DAC38RF89IAAV Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF89IAAVR TI1-DAC38RF89IAAVR Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results

Description similaire - DAC38RF89IAAV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
[Old version datasheet]   ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com