Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1037AK Fiches technique(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce 2SA1037AK
Description  Silicon PNP transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1037AK Fiches technique(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1037AK Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1037AK Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1037AK Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1037AK Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1037AK Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1037AK Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA1037AK
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Numéro de pièce similaire - 2SA1037AK

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SA1037AK ROHM-2SA1037AK Datasheet
76Kb / 3P
   General Purpose Transistor
2SA1037AK ROHM-2SA1037AK Datasheet
2Mb / 16P
   General Purpose Transistor (-50V, -150mA)
logo
Weitron Technology
2SA1037AK WEITRON-2SA1037AK Datasheet
347Kb / 5P
   PNP General Purpose Transistors
logo
Rohm
2SA1037AK ROHM-2SA1037AK Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1037AK ROHM-2SA1037AK Datasheet
72Kb / 4P
   General Purpose Transistor
More results

Description similaire - 2SA1037AK

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BCW30 FOSHAN-BCW30 Datasheet
911Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SA1036K FOSHAN-2SA1036K Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB709A FOSHAN-2SB709A Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1295 FOSHAN-2SB1295 Datasheet
632Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC858 FOSHAN-BC858 Datasheet
910Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT4403 FOSHAN-MMBT4403 Datasheet
804Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
FMMT591 FOSHAN-FMMT591 Datasheet
790Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
KSA1182 FOSHAN-KSA1182 Datasheet
698Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com