Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce SS1040
Description  Schottky Diode in a SOD-123 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS1040 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS1040 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS1040 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS1040 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS1040 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS1040 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS1040 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS1040
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage,
Working Peak Reverse Voltage,
DC Reverse Voltage
VRRM
VRWM
VR
40
V
Non-Repetitive Peak Forward Surge
Current
IFSM
25
A
Average Rectified Output Current
IF
1.0
A
Power Dissipation
PD
450
mW
Typical Thermal Resistance Junction
to Ambient
RθJA
222
/W
Junction and Storage Temperature
Range
Tj,TSTG
-65~125
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
最小值
Min
典型值
Typ
最大值
Max
Peak Forward Voltage
VFM
IF=1.0A
0.55
V
Instantaneous Reverse
Current
IRM
VR=40V
500
uA
Capacitance
CJ
VR=4.0V
f=1.0MHZ
50
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Numéro de pièce similaire - SS1040

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SS1040 WTE-SS1040 Datasheet
51Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1040 PANJIT-SS1040 Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diotech Company.
SS1040 DIOTECH-SS1040 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SS1040 FORMOSA-SS1040 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS1040-T1 WTE-SS1040-T1 Datasheet
51Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1040

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
SD103BW FOSHAN-SD103BW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
BAT42W FOSHAN-BAT42W Datasheet
472Kb / 5P
   Schottky Diode in a SOD-123 Plastic Package
SD103CW FOSHAN-SD103CW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
SD103AW FOSHAN-SD103AW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
B5817W FOSHAN-B5817W Datasheet
1Mb / 6P
   Schottky Diode in a SOD-123 Plastic Package
2CZ400X FOSHAN-2CZ400X Datasheet
550Kb / 6P
   Silicon Diode in a SOD-123 Plastic Package
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com