Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce BAT54
Description  Schottky diodes in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BAT54 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BAT54 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT54 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAT54/A/C/S
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Repetitive Reverse Voltage
VRRM
30
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
IFSM
600
mA
Power Dissipation
PD
290
mW
Thermal Resistance, Junction to Ambient
RθJA
430
/W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Breakdown Voltage
VR
IR=10μA
30
V
Forward Voltage
VF
IF=0.1mA
240
mV
IF=1.0mA
320
mV
IF=10mA
400
mV
IF=30mA
500
mV
IF=100mA
0.8
V
Instantaneous Reverse Current
IR
VR=25V
2.0
μA
Total Capacitance
CT
VR=1.0V
f=1.0MHz
10
pF
Reverse Recovery Time
trr
IF=1R=10mA
IRR=1.0mA
RL=100Ω
5.0
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Numéro de pièce similaire - BAT54

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
List of Unclassifed Man...
BAT54 ETC2-BAT54 Datasheet
112Kb / 2P
   SCHOTTKY DIODES
logo
SamHop Microelectronics...
BAT54 SAMHOP-BAT54 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
FutureWafer Tech Co.,Lt...
BAT54 FUTUREWAFER-BAT54 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
More results

Description similaire - BAT54

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BAS70 FOSHAN-BAS70 Datasheet
844Kb / 6P
   Schottky barrier diodes in a SOT-23 Plastic Package
BAS40 FOSHAN-BAS40 Datasheet
874Kb / 6P
   Schottky barrier diodes in a SOT-23 Plastic Package
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAS19 FOSHAN-BAS19 Datasheet
620Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BZX84C7V5 FOSHAN-BZX84C7V5 Datasheet
676Kb / 7P
   Zener Diode in a SOT-23 Plastic Package.
BZX84C8V2 FOSHAN-BZX84C8V2 Datasheet
676Kb / 7P
   Zener Diode in a SOT-23 Plastic Package.
BAS16 FOSHAN-BAS16 Datasheet
677Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAW56 FOSHAN-BAW56 Datasheet
645Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
BAV99 FOSHAN-BAV99 Datasheet
812Kb / 7P
   Silicon Diode in a SOT-23 Plastic Package
MMBD4148 FOSHAN-MMBD4148 Datasheet
730Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com