Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDFN33-12 Fiches technique(PDF) 2 Page - Skyworks Solutions Inc.

No de pièce TDFN33-12
Description  Over-Voltage Protection Switch with OCP and BOVP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TDFN33-12 Fiches technique(HTML) 2 Page - Skyworks Solutions Inc.

  TDFN33-12 Datasheet HTML 1Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 2Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 3Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 4Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 5Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 6Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 7Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 8Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AAT4685
Over-Voltage Protection Switch with OCP and BOVP
DATA SHEET
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201960A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 16, 2012
Pin Descriptions
Pin #
Symbol
Function
1
OCP
Over-current protection threshold input. Connect resistor to ground to set OCP limit.
2
IC
Internally connected. Connect this pin to ground.
3
EN
Active low enable with internal 200kΩ resistor pull down to GND
4
POK
Input supply power-good status pin, open-drain. The POK function is always active whether EN is low or
high. Connect a 1kΩ to 100kΩ pull-up resistor to the logic I/O voltage of the host system.
5,6
OUT
Output. Connect a 0.1μF~47uF capacitor from OUT to GND.
7,8
IN
Power input pin. Connect 1μF capacitor from IN to GND.
9
GND
Ground connection.
10
FLT
Open-drain output. Active low when input over-voltage, input over-current, battery over-voltage, or over
temperature and EN = low. The FLT pin goes to high impedance state when EN = high. Connect a 1kΩ to
100kΩ pull-up resistor to the logic I/O voltage of the host system.
11
BOVP
Battery voltage sense input. Connect to battery positive terminal through a 100kΩ resistor to limit the
current in case of a short circuit condition.
12
OVP (N/C)
Over-voltage protection threshold input (Adjustable only). Fixed version not connected.
Pin Configuration
TDFN33-12
(Top View)
OCP
IC
EN
1
POK
OUT
OUT
OVP (N/C)
BOVP
FLT
GND
IN
IN
2
3
4
5
6
12
11
10
9
8
7


Numéro de pièce similaire - TDFN33-12

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
TDFN33-12 SKYWORKS-TDFN33-12 Datasheet
1Mb / 17P
   thermal shutdown protection
More results

Description similaire - TDFN33-12

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
   Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
   Over-Voltage Protection Load Switch with Surge Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com