Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDFN33-12 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce TDFN33-12
Description  Over-Voltage Protection Switch with OCP and BOVP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TDFN33-12 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  TDFN33-12 Datasheet HTML 1Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 2Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 3Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 4Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 5Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 6Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 7Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 8Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AAT4685
Over-Voltage Protection Switch with OCP and BOVP
DATA SHEET
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201960A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 16, 2012
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a FR4 board.
3. Derate 25mW/°C above 25°C.
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VIN
IN to GND
-0.3 to 28
V
VN
BOVP, OVP , OCP, OUT , IC to GND
-0.3 to VP +0.3
V
VP
FLT, EN, POK to GND
-0.3 to 7.5
V
IMAX
Maximum Continuous Switch Current
1.9
A
TJ
Operating Junction Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Thermal Characteristics
Symbol
Description
Value
Units
JA
Maximum Thermal Resistance2
50
C/W
PD
Maximum Power Dissipation2, 3
2W


Numéro de pièce similaire - TDFN33-12

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
TDFN33-12 SKYWORKS-TDFN33-12 Datasheet
1Mb / 17P
   thermal shutdown protection
More results

Description similaire - TDFN33-12

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
   Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
   Over-Voltage Protection Load Switch with Surge Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com